Electronic Components Datasheet Search
  English  ▼

X  

AD8189 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8189
Description  350 MHz Single-Supply Triple 2:1 Multiplexers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8189 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8189 Datasheet HTML 9Page - Analog Devices AD8189 Datasheet HTML 10Page - Analog Devices AD8189 Datasheet HTML 11Page - Analog Devices AD8189 Datasheet HTML 12Page - Analog Devices AD8189 Datasheet HTML 13Page - Analog Devices AD8189 Datasheet HTML 14Page - Analog Devices AD8189 Datasheet HTML 15Page - Analog Devices AD8189 Datasheet HTML 16Page - Analog Devices AD8189 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8188/AD8189
Rev. 0 | Page 13 of 24
180
160
140
120
100
80
60
40
20
TIME (ns)
2.0
1.5
1.0
0.5
0
–0.5
–1.5
–1.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
0200
OUTPUT
OE
Figure 41. AD8188 Enable On/Off Time, VOUT = 0 V to 1 V
1.5
1.0
0
0.5
3.0
2.9
2.8
2.7
2.6
2.5
2.4
050
2.0
1.0
1.5
0.5
0
–0.5
–1.0
–2.0
–1.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
0
200
180
160
140
120
100
80
60
40
20
TIME (ns)
OUTPUT
OE
45
40
35
30
25
20
15
10
5
TIME (ns)
OUTPUT
OE
Figure 42. AD8188 Channel Enable/Disable Transient (Glitch)
Figure 43. AD8189 Enable On/Off Time, VOUT = 0 V to 1 V
2.0
–1.0
–0.5
0
0.5
1.0
1.5
3.0
2.9
2.8
2.7
2.6
2.5
2.4
050
45
40
35
30
25
20
15
10
5
TIME (ns)
OUTPUT
OE
Figure 44. AD8189 Channel Enable/Disable Transient (Glitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com