Electronic Components Datasheet Search
  English  ▼

X  

AD8610 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8610
Description  Precision, Very Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610 Datasheet(HTML) 4 Page - Analog Devices

  AD8610 Datasheet HTML 1Page - Analog Devices AD8610 Datasheet HTML 2Page - Analog Devices AD8610 Datasheet HTML 3Page - Analog Devices AD8610 Datasheet HTML 4Page - Analog Devices AD8610 Datasheet HTML 5Page - Analog Devices AD8610 Datasheet HTML 6Page - Analog Devices AD8610 Datasheet HTML 7Page - Analog Devices AD8610 Datasheet HTML 8Page - Analog Devices AD8610 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8610/AD8620
Rev. F | Page 4 of 24
ELECTRICAL SPECIFICATIONS
@ VS = ±13 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage (AD8610B)
VOS
45
100
μV
−40°C < TA < +125°C
80
200
μV
Offset Voltage (AD8620B)
VOS
45
150
μV
−40°C < TA < +125°C
80
300
μV
Offset Voltage (AD8610A/AD8620A)
VOS
85
250
μV
25°C < TA < 125°C
90
350
μV
−40°C < TA < +125°C
150
850
μV
Input Bias Current
IB
−10
+3
+10
pA
−40°C < TA < +85°C
−250
+130
+250
pA
−40°C < TA < +125°C
−3.5
+3.5
nA
Input Offset Current
IOS
−10
+1.5
+10
pA
−40°C < TA < +85°C
−75
+20
+75
pA
−40°C < TA < +125°C
−150
+40
+150
pA
Input Voltage Range
−10.5
+10.5
V
Common-Mode Rejection Ratio
CMRR
VCM = −10 V to +10 V
90
110
dB
Large Signal Voltage Gain
AVO
RL = 1 kΩ, VO = −10 V to +10 V
100
200
V/mV
Offset Voltage Drift (AD8610B)
ΔVOS/ΔT
−40°C < TA < +125°C
0.5
1
μV/°C
Offset Voltage Drift (AD8620B)
ΔVOS/ΔT
−40°C < TA < +125°C
0.5
1.5
μV/°C
Offset Voltage Drift (AD8610A/AD8620A)
ΔVOS/ΔT
−40°C < TA < +125°C
0.8
3.5
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 1 kΩ, −40°C < TA < +125°C
+11.75
+11.84
V
Output Voltage Low
VOL
RL = 1 kΩ, −40°C < TA < +125°C
−11.84
−11.75
V
Output Current
IOUT
VOUT > 10 V
±45
mA
Short-Circuit Current
ISC
±65
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±5 V to ±13 V
100
110
dB
Supply Current per Amplifier
ISY
VO = 0 V
3.0
3.5
mA
−40°C < TA < +125°C
3.5
4.0
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
40
60
V/μs
Gain Bandwidth Product
GBP
25
MHz
Settling Time
tS
AV = +1, 10 V step, to 0.01%
600
ns
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1.8
μV p-p
Voltage Noise Density
en
f = 1 kHz
6
nV/√Hz
Current Noise Density
in
f = 1 kHz
5
fA/√Hz
Input Capacitance
CIN
Differential Mode
8
pF
Common Mode
15
pF
Channel Separation
CS
f = 10 kHz
137
dB
f = 300 kHz
120
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com