Electronic Components Datasheet Search
  English  ▼

X  

AD8610 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8610
Description  Precision, Very Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8610 Datasheet HTML 12Page - Analog Devices AD8610 Datasheet HTML 13Page - Analog Devices AD8610 Datasheet HTML 14Page - Analog Devices AD8610 Datasheet HTML 15Page - Analog Devices AD8610 Datasheet HTML 16Page - Analog Devices AD8610 Datasheet HTML 17Page - Analog Devices AD8610 Datasheet HTML 18Page - Analog Devices AD8610 Datasheet HTML 19Page - Analog Devices AD8610 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8610/AD8620
Rev. F | Page 16 of 24
The slew rate of the AD8610/AD8620 is double that of the
OPA627 when configured in a unity gain of +1 (see Figure 53
and Figure 54).
TIME (400ns/DIV)
VS = ±13V
RL = 2kΩ
G= +1
SR = 85V/µs
Figure 53. +Slew Rate of AD8610/AD8620 in Unity Gain of +1
TIME (400ns/DIV)
VS = ±13V
RL = 2kΩ
G= +1
SR = 23V/µs
Figure 54. +Slew Rate of OPA627 in Unity Gain of +1
The slew rate of an amplifier determines the maximum frequency
at which it can respond to a large signal input. This frequency
(known as full power bandwidth or FPBW) can be calculated
for a given distortion (for example, 1%) from the equation
()
PEAK
V
SR
FPBW
×
π
=
2
TIME (400ns/DIV)
CH1 = 20.8V p-p
CH2 = 19.4V p-p
0V
0V
Figure 55. AD8610 FPBW
Input Overvoltage Protection
When the input of an amplifier is driven below VEE or above VCC
by more than one VBE, large currents flow from the substrate
through the negative supply (V–) or the positive supply (V+),
respectively, to the input pins and can destroy the device. If the
input source can deliver larger currents than the maximum
forward current of the diode (>5 mA), a series resistor can be
added to protect the inputs. With its very low input bias and
offset current, a large series resistor can be placed in front of the
AD8610/AD8620 inputs to limit current to below damaging
levels. Series resistance of 10 kΩ generates less than 25 μV of offset.
This 10 kΩ allows input voltages more than 5 V beyond either
power supply. Thermal noise generated by the resistor adds
7.5 nV/√Hz to the noise of the AD8610/AD8620. For the AD8610/
AD8620, differential voltages equal to the supply voltage do not
cause any problems (see Figure 55). In this context, note that the
high breakdown voltage of the input FETs eliminates the need to
include clamp diodes between the inputs of the amplifier, a practice
that is mandatory on many precision op amps. Unfortunately,
clamp diodes greatly interfere with many application circuits,
such as precision rectifiers and comparators. The AD8610/
AD8620 are free from these limitations.
V1
–13V
3
2
7
4
+13V
14V
0
6
AD8610
Figure 56. Unity Gain Follower
No Phase Reversal
Many amplifiers misbehave when one or both of the inputs are
forced beyond the input common-mode voltage range. Phase
reversal is typified by the transfer function of the amplifier,
effectively reversing its transfer polarity. In some cases, this can
cause lockup and even equipment damage in servo systems and
can cause permanent damage or no recoverable parameter shifts
to the amplifier itself. Many amplifiers feature compensation
circuitry to combat these effects, but some are only effective for
the inverting input. The AD8610/AD8620 are designed to prevent
phase reversal when one or both inputs are forced beyond their
input common-mode voltage range.
TIME (400µs/DIV)
VOUT
VIN
Figure 57. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com