Electronic Components Datasheet Search
  English  ▼

X  

AD8610 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8610
Description  Precision, Very Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8610 Datasheet HTML 5Page - Analog Devices AD8610 Datasheet HTML 6Page - Analog Devices AD8610 Datasheet HTML 7Page - Analog Devices AD8610 Datasheet HTML 8Page - Analog Devices AD8610 Datasheet HTML 9Page - Analog Devices AD8610 Datasheet HTML 10Page - Analog Devices AD8610 Datasheet HTML 11Page - Analog Devices AD8610 Datasheet HTML 12Page - Analog Devices AD8610 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8610/AD8620
Rev. F | Page 9 of 24
+PSRR
–PSRR
–40
–20
0
20
40
60
80
100
120
140
160
FREQUENCY (Hz)
VS = ±13V
100
10k
100k
1k
1M
10M
60M
Figure 21. PSRR vs. Frequency
+PSRR
–PSRR
–40
–20
0
20
40
60
80
100
120
140
160
FREQUENCY (Hz)
VS = ±5V
100
10k
100k
1k
1M
10M
60M
Figure 22. PSRR vs. Frequency
122
116
117
118
119
120
121
25
85
–40
125
TEMPERATURE (°C)
Figure 23. PSRR vs. Temperature
0
20
40
60
80
100
120
140
FREQUENCY (Hz)
10
100
10k
100k
1k
1M
10M
60M
VS = ±13V
Figure 24. CMRR vs. Frequency
VIN
0V
0V
VOUT
CH2 = 5V/DIV
TIME (4µs/DIV)
VS = ±13V
VIN = –300mV p-p
AV = –100
RL = 10kΩ
Figure 25. Positive Overvoltage Recovery
VIN
0V
VOUT
CH2 = 5V/DIV
TIME (4µs/DIV)
VS = ±13V
VIN = 300mV p-p
AV = –100
RL = 10kΩ
CL = 0pF
0V
Figure 26. Negative Overvoltage Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com