Electronic Components Datasheet Search
  English  ▼

X  

AD8610 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8610
Description  Precision, Very Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8610 Datasheet HTML 3Page - Analog Devices AD8610 Datasheet HTML 4Page - Analog Devices AD8610 Datasheet HTML 5Page - Analog Devices AD8610 Datasheet HTML 6Page - Analog Devices AD8610 Datasheet HTML 7Page - Analog Devices AD8610 Datasheet HTML 8Page - Analog Devices AD8610 Datasheet HTML 9Page - Analog Devices AD8610 Datasheet HTML 10Page - Analog Devices AD8610 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8610/AD8620
Rev. F | Page 7 of 24
3.0
0
2.0
1.5
1.0
0.5
2.5
03
2
1
4
5
6
7
8
9
10
11
12
13
SUPPLY VOLTAGE (±V)
Figure 9. Supply Current vs. Supply Voltage
3.05
2.55
2.85
2.75
2.65
2.95
–40
125
85
25
TEMPERATURE (°C)
VS = ±13V
Figure 10. Supply Current vs. Temperature
2.65
2.30
2.35
2.40
2.45
2.50
2.55
2.60
–40
125
85
25
TEMPERATURE (°C)
VS = ±5V
Figure 11. Supply Current vs. Temperature
1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
10k
100k
1k
1M
10M
100M
RESISTANCE LOAD (Ω)
VS = ±13V
Figure 12. Output Voltage to Supply Rail vs. Resistance Load
4.25
3.95
4.00
4.05
4.10
4.15
4.20
25
85
–40
125
TEMPERATURE (°C)
VS = ±5V
RL = 1kΩ
Figure 13. Output Voltage High vs. Temperature
–4.30
–4.25
–3.95
–4.00
–4.05
–4.10
–4.15
–4.20
25
85
–40
125
TEMPERATURE (°C)
VS = ±5V
RL = 1kΩ
Figure 14. Output Voltage Low vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com