Electronic Components Datasheet Search
  English  ▼

X  

AD8610 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8610
Description  Precision, Very Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8610 Datasheet HTML 7Page - Analog Devices AD8610 Datasheet HTML 8Page - Analog Devices AD8610 Datasheet HTML 9Page - Analog Devices AD8610 Datasheet HTML 10Page - Analog Devices AD8610 Datasheet HTML 11Page - Analog Devices AD8610 Datasheet HTML 12Page - Analog Devices AD8610 Datasheet HTML 13Page - Analog Devices AD8610 Datasheet HTML 14Page - Analog Devices AD8610 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8610/AD8620
Rev. F | Page 11 of 24
0
5
10
15
20
25
40
30
35
CAPACITANCE (pF)
0
10
100
10k
1k
+OS
–OS
VS = ±5V
RL = 2kΩ
VIN = 100mV
Figure 33. Small Signal Overshoot vs. Load Capacitance
TIME (400µs/DIV)
VS = ±13V
VIN = ±14V
AV = +1
FREQ = 0.5kHz
VIN
VOUT
Figure 34. No Phase Reversal
TIME (1µs/DIV)
VS = ±13V
VIN p-p = 20V
AV = +1
RL = 2kΩ
CL = 20pF
Figure 35. Large Signal Response at G = +1
TIME (400ns/DIV)
VS = ±13V
VIN p-p = 20V
AV = +1
RL = 2kΩ
CL = 20pF
Figure 36. +Slew Rate at G = +1
TIME (400ns/DIV)
VS = ±13V
VIN p-p = 20V
AV = +1
RL = 2kΩ
CL = 20pF
Figure 37. –Slew Rate at G = +1
TIME (1µs/DIV)
VS = ±13V
VIN p-p = 20V
AV = –1
RL = 2kΩ
CL = 20pF
Figure 38. Large Signal Response at G = −1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com