Electronic Components Datasheet Search
  English  ▼

X  

AD8610 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8610
Description  Precision, Very Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8610 Datasheet HTML 13Page - Analog Devices AD8610 Datasheet HTML 14Page - Analog Devices AD8610 Datasheet HTML 15Page - Analog Devices AD8610 Datasheet HTML 16Page - Analog Devices AD8610 Datasheet HTML 17Page - Analog Devices AD8610 Datasheet HTML 18Page - Analog Devices AD8610 Datasheet HTML 19Page - Analog Devices AD8610 Datasheet HTML 20Page - Analog Devices AD8610 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8610/AD8620
Rev. F | Page 17 of 24
THD Readings vs. Common-Mode Voltage
Total harmonic distortion of the AD8610/AD8620 is well below
0.0006% with any load down to 600 Ω. The AD8610 outperforms
the OPA627 for distortion, especially at frequencies above 20 kHz.
10
100
1k
10k
80k
FREQUENCY (Hz)
0.1
0.01
0.001
0.0001
OPA627
AD8610
VS = ±13V
VIN = 5V rms
BW = 80kHz
Figure 58. AD8610 vs. OPA627 THD + Noise @ VCM = 0 V
10
100
1k
10k
20k
FREQUENCY (Hz)
0.1
0.01
0.001
4V rms
6V rms
2V rms
VS = ±13V
RL = 600Ω
Figure 59. THD + Noise vs. Frequency
Noise vs. Common-Mode Voltage
The AD8610/AD8620 noise density varies only 10% over the
input range, as shown in Table 5.
Table 5. Noise vs. Common-Mode Voltage
VCM at f = 1 kHz (V)
Noise Reading (nV/√Hz)
−10
7.21
−5
6.89
0
6.73
+5
6.41
+10
7.21
Settling Time
The AD8610/AD8620 have a very fast settling time, even to a
very tight error band, as can be seen from Figure 60. The AD8610/
AD8620 are configured in an inverting gain of +1 with 2 kΩ input
and feedback resistors. The output is monitored with a 10×,
10 MΩ, 11.2 pF scope probe.
0.001
0.01
0.1
1
10
ERROR BAND (%)
1.2k
1.0k
800
600
400
200
0
Figure 60. AD8610/AD8620 Settling Time vs. Error Band
OPA627
0.001
0.01
0.1
1
10
ERROR BAND (%)
1.2k
1.0k
800
600
400
200
0
Figure 61. OPA627 Settling Time vs. Error Band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com