Electronic Components Datasheet Search
  English  ▼

X  

HC55151 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HC55151
Description  Low Power Universal SLIC Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55151 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HC55151 Datasheet HTML 6Page - Intersil Corporation HC55151 Datasheet HTML 7Page - Intersil Corporation HC55151 Datasheet HTML 8Page - Intersil Corporation HC55151 Datasheet HTML 9Page - Intersil Corporation HC55151 Datasheet HTML 10Page - Intersil Corporation HC55151 Datasheet HTML 11Page - Intersil Corporation HC55151 Datasheet HTML 12Page - Intersil Corporation HC55151 Datasheet HTML 13Page - Intersil Corporation HC55151 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
RING RELAY DRIVER
VSAT at 30mA
IOL = 30mA
-
0.2
0.5
V
••••••
VSAT at 40mA
IOL = 40mA
-
0.52
0.8
V
••••••
Off State Leakage Current
VOH = 13.2V
-
0.1
10
µA
••••••
TEST RELAY DRIVER (TRLY1, TRLY2)
VSAT at 30mA
IOL = 30mA
-
0.3
0.5
V
NA
NA
NA/
•
NA/
•
NA/
•
NA/
•
VSAT at 40mA
IOL = 40mA
-
0.62
0.9
V
NA
NA
NA/
•
NA/
•
NA/
•
NA/
•
Off State Leakage Current
VOH = 13.2V
-
-
10
µA
NA
NA
NA/
•
NA/
•
NA/
•
NA/
•
FIGURE 12. GROUND KEY DETECT
DIGITAL INPUTS (C1, C2, C3)
Input Low Voltage, VIL
0
-
0.8
V
••••••
Input High Voltage, VIH
2.0
-
VCC
V
••••••
Input Low Current, IIL
VIL = 0.4V
-
-
-10
µA
••••••
Input High Current, IIH
VIH = 2.5V
-
25
50
µA
••••••
DETECTOR OUTPUTS (SHD, GKD_LVM)
SHD Output Low Voltage, VOL
Forward, Reverse
IOL = 1mA
-
-
0.5
V
Forward
Only
•
Forward
Only
•••
SHD Output High Voltage, VOH
Forward, Reverse
IOH = 100µA
2.7
-
-
V
Forward
Only
•
Forward
Only
•••
GKD_LVM Output Low Voltage,
VOL Forward and Tip Open
IOL = 1mA
R1 = 2.5kΩ (Figure 11)
-
-
0.5
V
GKD
GKD
NA
GKD_
LVM
GKD_
LVM
LVM
GKD_LVM Output High Voltage,
VOH Forward and Tip Open
IOH = 100µA
2.7
-
-
V
GKD
GKD
NA
GKD_
LVM
GKD_
LVM
LVM
Internal Pull-Up Resistor
-
15
-
k
Ω
••••••
Electrical Specifications
TA = -40
oCto85oC, V
CC = +5V ±5%, VBH = -48V, VBL = -24V, PTG = Open, RP1 =RP2 =0Ω, ZT = 120kΩ,RLIM = 38.3kΩ,RD = 50kΩ, RDC_RAC = 20kΩ,
ROH = 40kΩ,CH = 0.1µF, CDC = 4.7µF, CRT/REV = 0.47µF, GND = 0V, RL = 600Ω. Unless Otherwise Specified.
(•) Symbol used to indicate the test applies
to the part. (NA) symbol used to indicate the test does not apply to the part. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55120
HC55121
HC55130/1
HC55140/1
HC55142/3
HC55150/1
TIP
RING
SHD
2.5k
Ω
VTX
VRX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com