Electronic Components Datasheet Search
  English  ▼

X  

HC55151 Datasheet(PDF) 19 Page - Intersil Corporation

Part # HC55151
Description  Low Power Universal SLIC Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55151 Datasheet(HTML) 19 Page - Intersil Corporation

Back Button HC55151 Datasheet HTML 15Page - Intersil Corporation HC55151 Datasheet HTML 16Page - Intersil Corporation HC55151 Datasheet HTML 17Page - Intersil Corporation HC55151 Datasheet HTML 18Page - Intersil Corporation HC55151 Datasheet HTML 19Page - Intersil Corporation HC55151 Datasheet HTML 20Page - Intersil Corporation HC55151 Datasheet HTML 21Page - Intersil Corporation HC55151 Datasheet HTML 22Page - Intersil Corporation HC55151 Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
4-19
Digital Logic Inputs
Table 1 is the logic truth table for the 3V to 5V logic input
pins. A combination of the control pins C3, C2 and C1 select
1 of the possible 6 operating states. The 8th state listed is
Thermal Shutdown. Thermal Shutdown protection is invoked
if a fault condition on the tip or ring causes the junction
temperature of the die to exceed 175oC. A description of
each operating state and the control logic follows:
Open Circuit State (C3 = 0, C2 = 0, C1 = 0)
In this state, the tip and ring outputs are in a high impedance
condition (>1M
Ω). No supervisory functions are available
and SHD and GKD outputs are at a TTL high level.
4-wire loopback testing can be performed in this state. With
the PTG pin floating, the signal on the VTX output is 180
o out
of phase and approximately 2 times the VRX input signal. If
the PTG pin is grounded, then the amplitude will be
approximately the same as its input and 180o out of phase.
Ringing State (C3 = 0, C2 = 0, C1 = 1)
In this state, the output of the ring relay driver pin (RRLY)
goes low (energizing the ring relay to connect the ringing
signal to the phone) if either of the following two conditions
are satisfied:
(1) The RSYNC_REV pin is grounded through a resistor -
This connection enables the RRLY pin to go low the instant
the ringing state is invoked, without any regard for the ringing
voltage (90VRMS -120VRMS) across the relay contacts. The
resistor (34.8k
Ω to 70kΩ) is required to limit the current into
the RSYNC_REV pin.
(2) A ring sync pulse is applied to the RSYNC_REV pin -
This connection enables the RRLY pin to go low at the
command of a ring sync pulse. A ring sync pulse should go
low at zero voltage crossing of the ring signal. This pulse
should have a rise and fall time <400
µs and a minimum
pulse width of 2ms.
Zero ring current detection is performed automatically
inside the SLIC. This feature de-energizes the ring relay
slightly before zero current occurs to partially compensate
for the delay in the opening of the relay.
The SHD output will go low when the subscriber goes off
hook. Once SHD is activated, an internal latch will prohibit
the re-ringing of the line until the ringing code is removed
and then reapplied.
The state prior to ringing the phone, can not be the Reverse
Active State. In the reverse active state the polarity of the
voltage on the CRT_REV_LVM capacitor, will make it appear
as if the subscriber is off hook. This subsequently will
activate an internal latch prohibiting the ringing of the line.
TABLE 1. DETECTOR STATES
STATE
C3
C2
C1
SLIC OPERATING STATE
ACTIVE DETECTOR
OUTPUT
SHD
GKD_ LVM
0
0
0
0
Open Circuit State
4 wire loopback test capability
HIGH
HIGH
1
0
0
1
Ringing State
(Previous State cannot be Reverse
Active State)
Ring Trip Detector
HIGH
2
0
1
0
Forward Active State
Loop Current Detector
Ground Key Detector
3
0
1
1
Test Active State
Requires previous state to be in the
Forward Active state to determine the
On hook or Off hook status of the line.
On Hook Loopback Detector
LOW
Ground Key Detector
HIGH
Off Hook Loop Current Detector
LOW
Line Voltage Detector
4
1
0
0
Tip Open - Ground Start State
Ground Key Detector
5
1
0
1
Reserved
Reserved
N/A
N/A
6
1
1
0
Reverse Active State
Loop Current Detector
Ground Key Detector
7
1
1
1
Test Reversal Active State
Requires previous state to be in the
Reverse Active state to determine the
On hook or Off hook status of the line.
On Hook Loop Current Detector
HIGH
Off Hook Loop Current Detector
LOW
Line Voltage Detector
8
X
X
X
Thermal Shutdown
LOW
LOW
HC55120, HC55121, HC55130, HC55131, HC55140, HC55141, HC55142, HC55143, HC55150, HC55151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com