Electronic Components Datasheet Search
  English  ▼

X  

HC55151 Datasheet(PDF) 15 Page - Intersil Corporation

Part # HC55151
Description  Low Power Universal SLIC Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55151 Datasheet(HTML) 15 Page - Intersil Corporation

Back Button HC55151 Datasheet HTML 11Page - Intersil Corporation HC55151 Datasheet HTML 12Page - Intersil Corporation HC55151 Datasheet HTML 13Page - Intersil Corporation HC55151 Datasheet HTML 14Page - Intersil Corporation HC55151 Datasheet HTML 15Page - Intersil Corporation HC55151 Datasheet HTML 16Page - Intersil Corporation HC55151 Datasheet HTML 17Page - Intersil Corporation HC55151 Datasheet HTML 18Page - Intersil Corporation HC55151 Datasheet HTML 19Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
4-15
protection resistors (RP), the required (peak) off hook
voltage for speech (Vsp(off)) and the required (peak) off hook
voltage for the pulse metering (Vpm(off)), if applicable.
The off hook overhead voltage is defined in Equation 2 and
calculated using Equation 3.
where:
VOH(off) at Load = Off hook overhead voltage at load
VOH(Rsense) = Required overhead for the DC voltage drop
across sense resistors (2RS x Iloop(max))
Vsp(off) = Required (peak) off hook AC voltage for speech
Vpm(off) = Required (peak) off hook AC voltage for pulse
metering
where:
80 = 2Rs + 2RINT (reference Figure 17)
Zpm = Pulse metering load impedance (typically 200Ω).
2.0V = Additional off hook overhead voltage requirement
RSAT Resistance Calculation
The RSAT resistance of the DC feed curve is used to
determine the value of the RDC_RAC resistor (Equation 6).
The value of this resistor has an effect on both the on hook
and off hook overheads. In most applications the off hook
condition will dominate the overhead requirements.
Therefore, we’ll start by calculating the RSAT value for the off
hook conditions and then verify that the on hook conditions
are also satisfied.
When considering the Off
hook condition, RSAT is equal
to VOH(off) at Load divided by
Iloop(min) (Equation 4).
For the given system
requirements (recommended
application circuit in back of
data sheet): Iloop (min) =
20mA, Iloop (max) = 30mA,
Vsp(off) = 3.2VPEAK,
Vspm(off) = 0VPEAK,
VOH(off) at Load = 8.34V the
value of RSAT(off) is equal to 417Ω as calculated in Equation 4.
Before using this RSAT value, to calculate the RDC_RAC
resistor, we need to verify that the on hook requirements will
also be met.
The on hook overhead voltage
calculated with the off hook
RSAT (RSAT(off)), is given in
Equation 5 and equals 3.0V.
The on hook overhead
calculated with Equation 1
equals 2.85V for the given
system requirements
(recommended application
circuit in back of data sheet):
Switch Hook Detect threshold
= 12mA, ISH- = (0.6)12mA =
7.2mA, Vsp(on) = 0.775VRMS
Thus, the on hook overhead
requirements of 2.85V will be
met if we use the RSAT(off) value.
If the on hook overhead requirement is not met, then we
need to use the RSAT(on) value to determine the RDC_RAC
resistor value. The external saturation guard resistor
RDC_RAC is equal to 50 times RSAT.
In the example above RSAT would equal 417Ω and
RDC_RAC would then equal to 20.85k
Ω (closest standard
value is 21k
Ω).
The Switch Hook Detect threshold current is set by resistor
RD and is calculated using Equation 7. For the above
example RD is calculated to be 41.6kΩ (500/12mA). The
next closest standard value is 41.2k
Ω.
The true value of ISH-, for the selected value of RD is given
by Equation 8:
For the example above, ISH- equals 7.28mA (500 x 0.6/ 41.2K).
Verify that the value of ISH- is above the suspected line
leakage of the application. The UniSLIC family will provide a
constant on hook voltage level for leakage currents up to this
value of line leakage.
(EQ. 2)
V
OH off
() at Load
V
OH Rsense
() Vsp off
()
V
pm off
()
++
=
(EQ. 3)
V
OH(off) at Load
80
I
LOOP max
()
×
V
sp off
()
1
2R
P
2R
S
+
Z
L
------------------------------
+



×
+
=
+V
pm off
()
1
2R
P
2R
S
+
Z
pm
------------------------------
+



×
2.0V
+
VBH
VSAT
VOH(off)
2.5V
LOOP CURRENT
ILOOP(min)
VOH(off) AT LOAD
ILOOP(min)
RSAT
RSAT
DC FEED CURVE
R
SAT(off) =
V
OH(off) at Load
I
LOOP(min)
----------------------------------------
8.34V
20mA
----------------
417
Ω
==
(EQ. 4)
VOH(on) AT LOAD
ISH-(min)
RSAT
VBH
VSAT
VOH(on)
2.5V
ISH-(min)
LOOP CURRENT
DC FEED CURVE
R
SAT on
()
2.85V
7.2mA
------------------
395
Ω
==
RSAT
V
OH on
()
ISH-
() R
SAT off
()
()
=
(EQ. 5)
V
OH on
()
7.2mA
417
Ω
×
=
V
OH on
()
3.0V
=
RDC_RAC = 50 x R
SAT
(EQ. 6)
R
D =
500
I
SHD
------------
(EQ. 7)
ISH- =
500
R
D
----------
(0.6)
(EQ. 8)
HC55120, HC55121, HC55130, HC55131, HC55140, HC55141, HC55142, HC55143, HC55150, HC55151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com