Electronic Components Datasheet Search
  English  ▼

X  

HC55151 Datasheet(PDF) 18 Page - Intersil Corporation

Part # HC55151
Description  Low Power Universal SLIC Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55151 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button HC55151 Datasheet HTML 14Page - Intersil Corporation HC55151 Datasheet HTML 15Page - Intersil Corporation HC55151 Datasheet HTML 16Page - Intersil Corporation HC55151 Datasheet HTML 17Page - Intersil Corporation HC55151 Datasheet HTML 18Page - Intersil Corporation HC55151 Datasheet HTML 19Page - Intersil Corporation HC55151 Datasheet HTML 20Page - Intersil Corporation HC55151 Datasheet HTML 21Page - Intersil Corporation HC55151 Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
4-18
EXAMPLE:
Calculate ZT to make ZTR = 600Ω in series with 2.16µF.
RP = 30Ω.
ZT = 114kΩ in series with 0.0108µF.
Note: Some impedance models, with a series capacitor, will
cause the op-amp feedback to behave as an open circuit
DC. A resistor with a value of about 10 times the reactance
of the ZT capacitor (2.16µF/200 = 10.8nF) at the low
frequency of interest (200Hz for example) can be placed in
parallel with the capacitor in order to solve the problem
(736k
Ω for a 10.8nF capacitor).
Calculating Tip and Ring Voltages
The on hook tip to ground voltage is calculated using
Equation 34. The minus 1.0 volt results from the SLIC self
programming. ISH- is the maximum loop current for a
constant on hook overhead voltage (ISH- = ISHD(0.6)) and
the value of RSAT(off) is calculated in Equation 4.
On hook Tip Voltage
The off hook tip to ground voltage is calculated using
Equation 35. ILOOP(min) is the minimum loop current
allowed by the design and the value of RSAT(off) is calculated
in Equation 4.
Off hook Tip Voltage
The on hook ring to ground voltage is calculated using
Equation 36. The 1.5 volt results from the SLIC self
programming. ISH- is the maximum loop current for a
constant on hook overhead voltage (ISH- = ISHD(0.6)) and
the value of RSAT(off) is calculated in Equation 4.
On hook Ring Voltage
The calculation of the ring voltage with respect to ground in
the off hook condition is dependent upon whether the SLIC
is in current limit or not.
The off hook ring to ground voltage (in current limit) is
calculated using Equation 37. ILIM is the programmed loop
current limit and RL is the load resistance across tip and
ring. The minus 0.2V is a correction factor for the 60k
Ω slope
in Figure 15.
Off hook Ring Voltage in Current Limit
The off hook ring to ground voltage (not in current limit) is
calculated using Equation 38. The 1.5V results from the
SLIC self programming. ILOOP(min) is the minimum loop
current allowed by the design and the value of RSAT(off) is
calculated in Equation 4.
Off hook Ring Voltage not in Current Limit
Layout Considerations
Systems with Dual Supplies (VBH and VBL)
If the VBL supply is not derived from the VBH supply, it is
recommended that an additional diode be placed in series
with the VBH supply. The orientation of this diode is anode
on pin 8 of the device and cathode to the external supply.
This external diode will inhibit large currents and potential
damage to the SLIC, in the event the VBH supply is shorted
to GND. If VBL is derived from VBH then this diode is not
required.
Floating the PTG Pin
The PTG pin is a high impedance pin (500k
Ω) that is used to
program the 2-wire to 4-wire gain to either 0dB or -6dB.
If 0dB is required, it is necessary to float the PTG pin. The
PC board interconnect should be as short as possible to
minimize stray capacitance on this pin. Stray capacitance on
this pin forms a low pass filter and will cause the 2-wire to
4-wire gain to roll off at the higher frequencies.
If a 2-wire to 4-wire gain of -6dB is required, the PTG pin
should be grounded as close to the device as possible.
SPM Pin
For optimum performance, the PC board interconnect the
SPM pin should be as short as possible. If pulses metering
is not being used, then this pin should be grounded as close
to the device pin as possible.
RLIM Pin
The current limiting resistor RLIM needs to be as close to the
RLIM pin as possible.
Layout of the 2-Wire Impedance Matching
Resistor ZT
Proper connection to the ZT pin is to have the external ZT
network as close to the device pin as possible.
The ZT pin is a high impedance pin that is used to set the
proper feedback for matching the impedance of the 2-wire
side. This will eliminate circuit board capacitance on this pin
to maintain the 2-wire return loss across frequency.
Z
T
200 600
1
j
ω2.16X10
6
–
-----------------------------------
2
() 30
()
–
+


=
(EQ. 33)
V
TIP onhook
()
1.0V
–
ISH-
()
–
R
SAToff
2
----------------------


+
=
(EQ. 34)
V
TIP offhook
()
1V
–
I
LOOP min
()
()
R
SAT off
()
2
--------------------------
–
=
(EQ. 35)
I
LOOP MAX
() RP
×
–
V
RING onhook
()
V
BH
1.5V
ISH
()
R
SAT off
()
2
--------------------------


++
=
(EQ. 36)
V
RING CL
()
V
TIP offhook
() ILOOP MAX
()RL
–
0.2V
–
=
(EQ. 37)
V
RING NCL
()
V
BH
1.5V
I
LOOP min
()
()
R
SAT off
()
2
--------------------------


++
=
(EQ. 38)
I
LOOP MIN
() RP
×
–
HC55120, HC55121, HC55130, HC55131, HC55140, HC55141, HC55142, HC55143, HC55150, HC55151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com