Electronic Components Datasheet Search
  English  ▼

X  

HC55151 Datasheet(PDF) 24 Page - Intersil Corporation

Part # HC55151
Description  Low Power Universal SLIC Family
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55151 Datasheet(HTML) 24 Page - Intersil Corporation

Back Button HC55151 Datasheet HTML 20Page - Intersil Corporation HC55151 Datasheet HTML 21Page - Intersil Corporation HC55151 Datasheet HTML 22Page - Intersil Corporation HC55151 Datasheet HTML 23Page - Intersil Corporation HC55151 Datasheet HTML 24Page - Intersil Corporation HC55151 Datasheet HTML 25Page - Intersil Corporation HC55151 Datasheet HTML 26Page - Intersil Corporation HC55151 Datasheet HTML 27Page - Intersil Corporation HC55151 Datasheet HTML 28Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
4-24
Interface to Dual and Single Supply
CODECs
Great care has been taken to minimize the number of external
components required with the UniSLIC14 family while still
providing the maximum flexibility. Figures 24A, 24B) shows
the connection of the UniSLIC14 to both a dual supply
CODEC/Filter and a single supply DSP CODEC/Filter.
To eliminate the DC blocking capacitors between the SLIC
and the CODEC/Filter when using a dual supply
CODEC/Filter, both the receive and transmit leads of the
SLIC are referenced to ground. This leads to a very simple
SLIC to CODEC/Filter interface, as shown in Figure 24A.
When using a single supply DSP CODEC/Filter the output
and input of the CODEC/Filter are no longer referenced to
ground. To achieve maximum voltage swing with a single
supply, both the output and input of the CODEC/Filter are
referenced to its own VCC/2 reference. Thus, DC blocking
capacitors are once again required. By using the PTG pin of
the UniSLIC14 and the externally supplied VCC/2 reference
of the CODEC/Filter, one of the DC blocking capacitors can
be eliminated (Figure 24B).
Power Management
The UniSLIC14 family provides two distinct power
management capabilities:
Power Sharing and Battery Selection
Power Sharing
Power sharing is a method of redistributing the power away
from the SLIC in short loop applications. The total system
power is the same, but the die temperature of the SLIC is
much lower. Power sharing becomes important if the
application has a single battery supply (-48V on hook
requirements for faxes and modems) and the possibility of
high loop currents (reference Figure 25). This technique
would prevent the SLIC from getting too hot and thermally
shutting down on short loops.
The power dissipation in the SLIC is the sum of the smaller
quiescent supply power and the much larger power that
results from the loop current. The power that results from the
loop current is the loop current times the voltage across the
SLIC. The power sharing resistor (RPS) reduces the voltage
across the SLIC, and thereby the on-chip power dissipation.
The voltage across the SLIC is reduced by the voltage drop
across RPS. This occurs because RPS is in series with the
loop current and the negative supply.
A mathematical verification follows:
Given: VBH = VBL = -48V, Loop current = 30mA, RL (load
across tip and ring) = 600
Ω, Quiescent battery power =
(48V) (0.8mA) = 38.4mW, Quiescent VCC power = (5V)
(2.7mA) = 13.5mW, Power sharing resistor = 600
Ω.
1. Without power sharing, the on-chip power dissipation
would be 952mW (Equation 41).
2. With power sharing, the on-chip power dissipation is
412mW (Equation 42). A power redistribution of 540mW.
On-chip power dissipation without power sharing resistor.
On-chip power dissipation with 600
Ω power sharing resistor.
The design trade-off in using the power sharing resistor is
loop length vs on-chip power dissipation.
FIGURE 24A.
FIGURE 24B.
FIGURE 24. INTERFACE TO DUAL AND SINGLE SUPPLY
CODECs
VTX
+
-
A = 1
VRX
UniSLIC14
VOUT
DUAL SUPPLY
CODEC/FILTER
+
-
5V
GND
-5V
VTX
500K
PTG
+
-
A = 1
500K
VRX
UniSLIC14
SINGLE SUPPLY
CODEC/FILTER
5V
GND
DSP
VIN
VOUT
VREF
PD
V
BH
() 30mA
() 38.4mW 13.5mW
RL
() 30mA
()
2
–
++
=
(EQ. 41)
PD
952mW
=
PD
V
BH
() 30mA
() 38.4mW 13.5mW
++
=
(EQ. 42)
R
L
() 30mA
()
2
–
R
PS
() 30mA
()
2
–
PD
412mW
=
FIGURE 25. POWER SHARING (SINGLE SUPPLY SYSTEMS)
VTX
VRX
UniSLIC14
TIP
RING
VBL
VBH
-48V
-48V
ON SHORT LOOPS, THE
MAJORITY OF CURRENT
FLOWS OUT THE VBL PIN
RPS
HC55120, HC55121, HC55130, HC55131, HC55140, HC55141, HC55142, HC55143, HC55150, HC55151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com