Electronic Components Datasheet Search
  English  ▼

X  

UPC1851B Datasheet(PDF) 39 Page - NEC

Part # UPC1851B
Description  I2C BUS-COMPATIBLE US MTS PROCESSING LSI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1851B Datasheet(HTML) 39 Page - NEC

Back Button UPC1851B Datasheet HTML 35Page - NEC UPC1851B Datasheet HTML 36Page - NEC UPC1851B Datasheet HTML 37Page - NEC UPC1851B Datasheet HTML 38Page - NEC UPC1851B Datasheet HTML 39Page - NEC UPC1851B Datasheet HTML 40Page - NEC UPC1851B Datasheet HTML 41Page - NEC UPC1851B Datasheet HTML 42Page - NEC UPC1851B Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
39
µPC1851B
Data Sheet S13417EJ2V0DS00
(3) Stereo, SAP broadcast reception (reception status) detection
Whether SAP or stereo broadcast is being received and the
µPC1851B outputs the audio signal can be detected
with bits D2 and D3 of the read register. The register data become “1” only if the SAP signal (5 fH) is detected when
the SAP broadcast reception is selected, or if the stereo pilot signal is detected when the stereo broadcast reception
is selected.
Figure 4-12.
Stereo, SAP Broadcast Reception (Reception Status) Detection
(4) Noise detection
Noise can be detected with bit D4 of the read register. It is monitored in the vicinity of the 11.5 fH (180 kHz) signal
level.
During noise detection, the operation of the SAP demodulator block and the stereo demodulation block is interrupted
(Refer to section 4.3 (1) Stereo/SAP output stop function during noise detection).
Figure 4-13.
Noise Detection
D7
D6
D5
D4
D3
D2
D1
D0
Power-on
reset
Noise
detection
11
Broadcast status
Stereo
broadcast
SAP
broadcast
Stereo
broadcast
reception
SAP
broadcast
reception
Reception status
0
1
Noise detection
Noise
No noise
0
1
0
1
Stereo broadcast reception
Outputing SAP broadcast
No outputing SAP broadcast
SAP broadcast reception
No outputing stereo broadcast
Outputing stereo broadcast
D7
D6
D5
D4
D3
D2
D1
D0
Power-on
reset
Noise
detection
11
Broadcast status
Stereo
broadcast
SAP
broadcast
Stereo
broadcast
reception
SAP
broadcast
reception
Reception status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com