Electronic Components Datasheet Search
  English  ▼

X  

UPC1851B Datasheet(PDF) 49 Page - NEC

Part # UPC1851B
Description  I2C BUS-COMPATIBLE US MTS PROCESSING LSI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1851B Datasheet(HTML) 49 Page - NEC

Back Button UPC1851B Datasheet HTML 45Page - NEC UPC1851B Datasheet HTML 46Page - NEC UPC1851B Datasheet HTML 47Page - NEC UPC1851B Datasheet HTML 48Page - NEC UPC1851B Datasheet HTML 49Page - NEC UPC1851B Datasheet HTML 50Page - NEC UPC1851B Datasheet HTML 51Page - NEC UPC1851B Datasheet HTML 52Page - NEC UPC1851B Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
49
µPC1851B
Data Sheet S13417EJ2V0DS00
(2/8)
Parameter
Symbol
Test Conditions
User Mode Note
Note
For details about the User Mode, refer to 5. MODE MATRIX.
SAP total output voltage
VOSAP1
VOSAP1 : Output voltage of FOL and FOR pins
SAP1
COM pin: SAP signal (300 Hz, 100 % modulation) input
Difference between monaural
VOLR
VOLR = 20 log (VL
÷ VR)
Monaural
L and R output voltage
VL: Output voltage of FOL pin
COM pin: Monaural signal (300 Hz, 100 % modulation) input
VR: Output voltage of FOR pin
COM pin: Monaural signal (300 Hz, 100 % modulation) input
Monaural total frequency
VOMO1
VOMO1 = 20 log {V(1k)
÷ V(300)}
Monaural
characteristics 1
V(1k): Output voltage of FOL pin
COM pin: Monaural signal (1 kHz, 30 % modulation) input
V(300): Output voltage of FOL pin
COM pin: Monaural signal (300 Hz, 30 % modulation) input
Monaural total frequency
VOMO2
VOMO2 = 20 log {V(3k)
÷ V(300)}
characteristics 2
V(3k): Output voltage of FOL pin
COM pin: Monaural signal (3 kHz, 30 % modulation) input
V(300): Output voltage of FOL pin
COM pin: Monaural signal (300 Hz, 30 % modulation) input
Monaural total frequency
VOMO3
VOMO3 = 20 log {V(8k)
÷ V(300)}
characteristics 3
V(8k): Output voltage of FOL pin
COM pin: Monaural signal (8 kHz, 30 % modulation) input
V(300): Output voltage of FOL pin
COM pin: Monaural signal (300 Hz, 30 % modulation) input
Monaural total frequency
VOMO4
VOMO4 = 20 log {V(12k)
÷ V(300)}
characteristics 4
V(12k): Output voltage of FOL pin
COM pin: Monaural signal (12 kHz, 30 % modulation) input
V(300): Output voltage of FOL pin
COM pin: Monaural signal (300 Hz, 30 % modulation) input
Stereo total frequency
VOST1
VOST1 = 20 log {V(1k)
÷ V(300)}
Stereo
characteristics 1
V(1k): Output voltage of FOL pin
COM pin: Stereo signal (L-only, 1 kHz, 30 % modulation) input
V(300): Output voltage of FOL pin
COM pin: Stereo signal (L-only, 300 Hz, 30 % modulation) input
Stereo total frequency
VOST2
VOST2 = 20 log {V(3k)
÷ V(300)}
characteristics 2
V(3k): Output voltage of FOL pin
COM pin: Stereo signal (L-only, 3 kHz, 30 % modulation) input
V(300): Output voltage of FOL pin
COM pin: Stereo signal (L-only, 300 Hz, 30 % modulation) input
Stereo total frequency
VOST3
VOST3 = 20 log {V(8k)
÷ V(300)}
characteristics 3
V(8k): Output voltage of FOL pin
COM pin: Stereo signal (L-only, 8 kHz, 30 % modulation) input
V(300): Output voltage of FOL pin
COM pin: Stereo signal (L-only, 300 Hz, 30 % modulation) input
Stereo total frequency
VOST4
VOST4 = 20 log {V(12k)
÷ V(300)}
characteristics 4
V(12k): Output voltage of FOL pin
COM pin: Stereo signal (L-only, 12 kHz, 30 % modulation) input
V(300): Output voltage of FOL pin
COM pin: Stereo signal (L-only, 300 Hz, 30 % modulation) input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com