Electronic Components Datasheet Search
  English  ▼

X  

UPC1851B Datasheet(PDF) 13 Page - NEC

Part # UPC1851B
Description  I2C BUS-COMPATIBLE US MTS PROCESSING LSI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1851B Datasheet(HTML) 13 Page - NEC

Back Button UPC1851B Datasheet HTML 9Page - NEC UPC1851B Datasheet HTML 10Page - NEC UPC1851B Datasheet HTML 11Page - NEC UPC1851B Datasheet HTML 12Page - NEC UPC1851B Datasheet HTML 13Page - NEC UPC1851B Datasheet HTML 14Page - NEC UPC1851B Datasheet HTML 15Page - NEC UPC1851B Datasheet HTML 16Page - NEC UPC1851B Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
13
µPC1851B
Data Sheet S13417EJ2V0DS00
(5/9)
Pin No.
Pin Name
Symbol
Internal Equivalent Circuit
14
Spectral RMS Offset Absorption
SRB
15
Timing Current Setting
ITI
16
Wide-band RMS Timing
WTI
Same as pin 13
17
Wide-band RMS Offset Absorption
WRB
Same as pin 14
18
Variable Emphasis Offset
dO
Absorption
14
5 k
Ω
5 k
Ω
GND
3 k
Ω
3 k
Ω
3 k
Ω
5 k
Ω
5 k
Ω
VCC
15
30 k
Ω
GND
10 k
Ω
10 k
Ω
10 k
Ω
VCC
10 k
Ω
20 pF
5 k
Ω
10 k
Ω 10
k
Ω
18
VCC
GND
10 k
Ω
10 k
Ω
20 k
Ω
20 k
Ω
6 pF
10 k
Ω
50 k
Ω
3 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com