Electronic Components Datasheet Search
  English  ▼

X  

UPC1851B Datasheet(PDF) 1 Page - NEC

Part # UPC1851B
Description  I2C BUS-COMPATIBLE US MTS PROCESSING LSI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1851B Datasheet(HTML) 1 Page - NEC

  UPC1851B Datasheet HTML 1Page - NEC UPC1851B Datasheet HTML 2Page - NEC UPC1851B Datasheet HTML 3Page - NEC UPC1851B Datasheet HTML 4Page - NEC UPC1851B Datasheet HTML 5Page - NEC UPC1851B Datasheet HTML 6Page - NEC UPC1851B Datasheet HTML 7Page - NEC UPC1851B Datasheet HTML 8Page - NEC UPC1851B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC1851B
I2C BUS-COMPATIBLE US MTS PROCESSING LSI
The
µPC1851B is an integrated circuit for US MTS (Multiplexed Television Sound) system with the addition of
the I2C bus interface. All functions required for US MTS system are incorporated on a single chip.
The
µPC1851B allows users to switch modes, control volume and tone, and adjust the separation circuit
through the I2C bus.
FEATURES
• Stereo demodulation, SAP (Sub Audio Program) demodulation, dbx noise reduction decoding, I2C bus interface,
input selector (2 channels), surround processor (1 phase), volume and tone control circuits incorporated on a single
chip
• Mode switching, volume and tone control, and separation adjustment through the I2C bus
• Power supply: 8 V to 10 V
• On-chip input attenuator for simple interface with intermediate frequency processing IC (I2C bus control)
• Output level: 1.4 Vp-p (with L+R signals, 100 % modulation)
APPLICATION
• TV sets and VCRs for north America
ORDERING INFORMATION
Part Number
Package
µPC1851BCU
42-pin plastic SDIP (15.24 mm (600))
The
µPC1851B is available only to licensees of THAT Corporation.
For information, please call: (508) 229-2500 (U.S.A), or (03) 5790-5391 (Tokyo).
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.
The mark
shows major revised points.
©
1998
DATA SHEET
Document No. S13417EJ2V0DS00 (2nd edition)
Date Published June 2000 N CP(K)
Printed in Japan


Similar Part No. - UPC1851B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1851B RENESAS-UPC1851B Datasheet
496Kb / 64P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
UPC1851BCU RENESAS-UPC1851BCU Datasheet
496Kb / 64P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
UPC1851BGT RENESAS-UPC1851BGT Datasheet
496Kb / 64P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
More results

Similar Description - UPC1851B

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1854A NEC-UPC1854A Datasheet
251Kb / 48P
I2C BUS-COMPATIBLE US MTS PROCESSING LSI
UPC1876 NEC-UPC1876 Datasheet
309Kb / 40P
US MTS DECODER
logo
Panasonic Semiconductor
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
Image Processing LSI
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
I2C BUS compatible serial EEPROM
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
I2C BUS compatible serial EEPROM
logo
Sony Corporation
CXA2040AQ SONY-CXA2040AQ Datasheet
257Kb / 21P
I2C Bus-Compatible Video Switch
CXA2040Q SONY-CXA2040Q Datasheet
381Kb / 22P
I2C Bus-Compatible Video Switch
logo
NEC
UPC1872CU NEC-UPC1872CU Datasheet
2Mb / 40P
US MTS DECODER
logo
Sanyo Semicon Device
LA72700V SANYO-LA72700V Datasheet
522Kb / 16P
US MTS (Multi Channel Television Sound) Decoder
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
Audio Processing System LSI
January, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com