Electronic Components Datasheet Search
  English  ▼

X  

UPC1851B Datasheet(PDF) 21 Page - NEC

Part # UPC1851B
Description  I2C BUS-COMPATIBLE US MTS PROCESSING LSI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1851B Datasheet(HTML) 21 Page - NEC

Back Button UPC1851B Datasheet HTML 17Page - NEC UPC1851B Datasheet HTML 18Page - NEC UPC1851B Datasheet HTML 19Page - NEC UPC1851B Datasheet HTML 20Page - NEC UPC1851B Datasheet HTML 21Page - NEC UPC1851B Datasheet HTML 22Page - NEC UPC1851B Datasheet HTML 23Page - NEC UPC1851B Datasheet HTML 24Page - NEC UPC1851B Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
21
µPC1851B
Data Sheet S13417EJ2V0DS00
(7) Wide-band RMS Filter
A filter that limits the band width of the signal input to the wide-band RMS which controls the wide-band VCA.
The transfer function is as follows:
1
T(f) =
f
1 + j
2.09k
(8) Spectral RMS
Detects the RMS value of the signal passed through the spectral RMS filter, and converts the signal to the DC
voltage. The release time is set by adjusting the current IT of the
µPC1851B and the capacitance of the external
capacitor connected to the STI pin. The current IT is adjusted by adjusting the current from the ITI pin.
(9) Wide-band RMS
Detects the RMS value of the signal passed through the wide-band RMS filter, and converts the signal to the DC
voltage. The release time is set by adjusting the current IT of the
µPC1851B and the capacitance of the external
capacitor connected to the WTI pin. The current IT is adjusted by adjusting the current from the ITI pin.
2.4 Matrix Block
(1) Matrix
Adds L+R signal and L–R signal to output L signal, and substracts L+R signal from L–R signal to output R signal.
(2) Mode Selector
The matrix block selects the signal from the monaural signal, Stereo signal, SAP signal by the User Mode.
2.5 Selector Block
It selects the signal from the TV signal (signal with the audio multiple signal processed in the
µPC1851B) and
external input (signal input from EL1, EL2, ER1 and ER2 pins), and outputs it to the surround processor block
(surround, tone control, and volume control block).
It also selects the gain of the selection signal (0 dB/6 dB) as well as switches the stereo/monaural output (by the
I2C bus).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com