Electronic Components Datasheet Search
  English  ▼

X  

UPC1851B Datasheet(PDF) 19 Page - NEC

Part # UPC1851B
Description  I2C BUS-COMPATIBLE US MTS PROCESSING LSI
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1851B Datasheet(HTML) 19 Page - NEC

Back Button UPC1851B Datasheet HTML 15Page - NEC UPC1851B Datasheet HTML 16Page - NEC UPC1851B Datasheet HTML 17Page - NEC UPC1851B Datasheet HTML 18Page - NEC UPC1851B Datasheet HTML 19Page - NEC UPC1851B Datasheet HTML 20Page - NEC UPC1851B Datasheet HTML 21Page - NEC UPC1851B Datasheet HTML 22Page - NEC UPC1851B Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
19
µPC1851B
Data Sheet S13417EJ2V0DS00
2.2 SAP Demodulation Block
(1) SAP BPF
Picks up the SAP signal by the 50-kHz and 102-kHz traps and a response peak at 5 fH. The filter response is
adjusted by setting the FILTER SETTING bit (Write register, subaddress 02H, bits D0 to D5).
(2) Noise BPF
The
µPC1851B monitors signals picked up by the noise BPF (fO = 180 kHz), and distinguishes noise from
signals. By this method, the
µPC1851B prevents faulty SAP detection in a weak electric field. The filter response is
adjusted by setting the FILTER SETTING bit (Write register, subaddress 02H, bits D0 to D5).
(3) Noise Detector
Performs full-wave rectification of noise from noise BPF, changes it to the DC voltage, and inputs it to the
comparator. When the noise level exceeds the reference level, the Noise detection bit (Read register, bit D4) turns
“1”.
The sensitivity and time constant of the circuit are adjusted by setting the values of the resistor and capacitor
connected to the NDT pin.
(4) SAP Detector
Detects the signal from the SAP BPF and smoothes it through the SDT pin and inputs it to the comparator. When
it detects the SAP signal, the SAP broadcast (Broadcast status) (Read register, bit D5) turns “1”.
(5) SAP Demodulator
The SAP demodulator consists of a phase detector, a loop filter and an SAP VCO (PLL detection circuit).
The SAP VCO oscillates at 10 fH, and performs phase comparison between the signal divided by 2 of the SAP
VCO frequency and the SAP signal to make the PLL. The SAP VCO oscillating frequency is adjusted by setting the
SAP VCO SETTING bit (Write register, subaddress 05H, bits D0 to D5).
(6) SAP LPF
Eliminates the SAP carrier and high-frequency buzz. The filter consists of a 2nd-order LPF and fH trap filter. The
filter response is adjusted by setting the FILTER SETTING bit (Write register, subaddress 02H, bits D0 to D5).
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com