Electronic Components Datasheet Search
  English  ▼

X  

AD9878 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9878
Description  Mixed-Signal Front End for Broadband Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9878 Datasheet(HTML) 1 Page - Analog Devices

  AD9878 Datasheet HTML 1Page - Analog Devices AD9878 Datasheet HTML 2Page - Analog Devices AD9878 Datasheet HTML 3Page - Analog Devices AD9878 Datasheet HTML 4Page - Analog Devices AD9878 Datasheet HTML 5Page - Analog Devices AD9878 Datasheet HTML 6Page - Analog Devices AD9878 Datasheet HTML 7Page - Analog Devices AD9878 Datasheet HTML 8Page - Analog Devices AD9878 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Mixed-Signal Front End
for Broadband Applications
AD9878
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Low cost 3.3 V CMOS MxFE™ for broadband applications
DOCSIS, EURO-DOCSIS, DVB, DAVIC compliant
232 MHz quadrature digital upconverter
12-bit direct IF DAC (TxDAC+®)
Up to 65 MHz carrier frequency DDS
Programmable sampling clock rates
Analog Tx output level adjust
Dual 12-bit, 29 MSPS direct IF ADCs with video clamp input
10-bit, 29 MSPS sampling ADC
8-bit ∑-∆ auxiliary DAC
Direct interface to AD832x family of PGA cable drivers
APPLICATIONS
Cable set-top boxes
Cable and wireless modems
FUNCTIONAL BLOCK DIAGRAM
–
I
Q
12
TxID[5:0]
Σ-∆ OUTPUT
CA PORT
MCLK
OSCIN
IF10 INPUT
IF12B INPUT
VIDEO IN
IF12A INPUT
CLAMP
LEVEL
Tx
SDIO
IF10[4:0]
IF12[11:0]
FLAG[2:1]
Tx
16
DDS
SINC–1
Σ -∆
4
10
3
12
12
MUX
ADC
ADC
ADC
MUX
MUX
MUX
DAC
Σ
CONTROL REGISTERS
PLL
Figure 1.
GENERAL DESCRIPTION
The AD9878 is a single-supply, cable modem/set-top box,
mixed-signal front end. The device contains a transmit path
interpolation filter, a complete quadrature digital upconverter,
and a transmit DAC. The receive path contains dual 12-bit
ADCs and a 10-bit ADC. All internally required clocks and an
output system clock are generated by the phase-locked loop
(PLL) from a single crystal oscillator or clock input.
The transmit path interpolation filter provides an upsampling
factor of 16× with an output signal bandwidth up to 4.35 MHz.
Carrier frequencies up to 65 MHz with 26 bits of frequency tuning
resolution can be generated by the direct digital synthesizer
(DDS). The transmit DAC resolution is 12 bits and can run at
sampling rates as high as 232 MSPS. Analog output scaling from
0 dB to 7.5 dB in 0.5 dB steps is available to preserve SNR when
reduced output levels are required.
The 12-bit ADCs provide excellent undersampling performance,
allowing this device to typically deliver better than 10 ENOBs
with IF inputs up to 70 MHz. The 12-bit IF ADCs can sample at
rates up to 29 MHz, allowing them to process wideband signals.
The AD9878 includes a programmable ∑-∆ DAC, which can be
used to control an external component such as a variable gain
amplifier (VGA) or a voltage controlled tuner.
The AD9878 also integrates a CA port that enables a host
processor to interface with the AD832x family of programmable
gain amplifier (PGA) cable drivers or industry equivalent via
the MxFE serial port (SPORT).
The AD9878 is available in a 100-lead, LQFP package. The
AD9878 is specified over the extended industrial (−40°C to
+85°C) temperature range.


Similar Part No. - AD9878

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9878 AD-AD9878 Datasheet
749Kb / 36P
Mixed-Signal Front End for Broadband Applications
3/05-Rev. 0 to Rev. A
AD9878-EB AD-AD9878-EB Datasheet
749Kb / 36P
Mixed-Signal Front End for Broadband Applications
3/05-Rev. 0 to Rev. A
AD9878BST AD-AD9878BST Datasheet
749Kb / 36P
Mixed-Signal Front End for Broadband Applications
3/05-Rev. 0 to Rev. A
AD9878BSTZ AD-AD9878BSTZ Datasheet
749Kb / 36P
Mixed-Signal Front End for Broadband Applications
3/05-Rev. 0 to Rev. A
More results

Similar Description - AD9878

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9878 AD-AD9878 Datasheet
749Kb / 36P
Mixed-Signal Front End for Broadband Applications
3/05-Rev. 0 to Rev. A
AD9861 AD-AD9861 Datasheet
1Mb / 52P
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
11/03-Revision 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9863 AD-AD9863 Datasheet
997Kb / 40P
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
REV. A
AD9863-50EBZ AD-AD9863-50EBZ Datasheet
997Kb / 40P
Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. A
AD9861BCPZ-50 AD-AD9861BCPZ-50 Datasheet
1Mb / 52P
Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. 0
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com