Electronic Components Datasheet Search
  English  ▼

X  

AD9878 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9878
Description  Mixed-Signal Front End for Broadband Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9878 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9878 Datasheet HTML 6Page - Analog Devices AD9878 Datasheet HTML 7Page - Analog Devices AD9878 Datasheet HTML 8Page - Analog Devices AD9878 Datasheet HTML 9Page - Analog Devices AD9878 Datasheet HTML 10Page - Analog Devices AD9878 Datasheet HTML 11Page - Analog Devices AD9878 Datasheet HTML 12Page - Analog Devices AD9878 Datasheet HTML 13Page - Analog Devices AD9878 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD9878
Rev. A | Page 10 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
02
46
8
10
12
14
16
18
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
20
Figure 3. Dual-Sideband Spectral Plot, fC = 5 MHz, f = 1 MHz,
RSET = 10 kΩ (IOUT = 4 mA), RBW = 1 kHz
FREQUENCY (MHz)
02
46
8
10
12
14
16
18
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
20
Figure 4. Dual-Sideband Spectral Plot, fC = 5 MHz, f = 1 MHz,
RSET = 4 kΩ (IOUT = 10 mA), RBW = 1 kHz
FREQUENCY (MHz)
55
57
59
61
63
65
67
69
70
73
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
75
Figure 5. Dual-Sideband Spectral Plot, fC = 65 MHz,
f = 1 MHz, RSET = 10 kΩ (IOUT = 4 mA), RBW = 1 kHz
FREQUENCY (MHz)
55
57
59
61
63
65
67
69
71
73
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
75
Figure 6. Dual-Sideband Spectral Plot, fC = 65 MHz, f = 1 MHz,
RSET = 4 kΩ (IOUT = 10 mA), RBW = 1 kHz
FREQUENCY (MHz)
0
20406080
100
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
120
Figure 7. Single Sideband @ 65 MHz, fC = 66 MHz,
f = 1 MHz, RSET = 10 kΩ (IOUT = 4 mA), RBW = 2 kHz
FREQUENCY (MHz)
0
20406080
100
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
120
Figure 8. Single Sideband @ 65 MHz, fC = 66 MHz,
f = 1 MHz, RSET = 4 kΩ (IOUT = 10 mA), RBW = 2 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com