Electronic Components Datasheet Search
  English  ▼

X  

AD9878 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9878
Description  Mixed-Signal Front End for Broadband Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9878 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9878 Datasheet HTML 16Page - Analog Devices AD9878 Datasheet HTML 17Page - Analog Devices AD9878 Datasheet HTML 18Page - Analog Devices AD9878 Datasheet HTML 19Page - Analog Devices AD9878 Datasheet HTML 20Page - Analog Devices AD9878 Datasheet HTML 21Page - Analog Devices AD9878 Datasheet HTML 22Page - Analog Devices AD9878 Datasheet HTML 23Page - Analog Devices AD9878 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD9878
Rev. A | Page 20 of 36
THEORY OF OPERATION
For a general understanding of the AD9878, refer to Figure 23, a
block diagram of the device architecture. The device consists of a
transmit path, receive path, and auxiliary functions, such as a PLL,
a ∑-∆ DAC, a serial control port, and a cable amplifier interface.
The transmit path contains an interpolation filter, a complete
quadrature digital upconverter, an inverse sinc filter, and a 12-bit
current output DAC.
The receive path contains a 10-bit ADC and dual 12-bit ADCs.
All internally required clocks and an output system clock are
generated by the PLL from a single crystal or clock input.
The 12-bit and 10-bit IF ADCs can convert direct IF inputs of
up to 70 MHz and run at sample rates of up to 29 MSPS. A video
input with an adjustable signal clamping level, along with the
10-bit ADC, allow the AD9878 to process an NTSC and a QAM
channel simultaneously.
The programmable ∑-∆ DAC can be used to control external
components, such as variable gain amplifiers (VGAs) or voltage-
controlled tuners. The CA port provides an interface to the
AD832x family of programmable gain amplifier (PGA) cable
drivers, enabling host processor control via the MxFE serial
port (SPORT).
TxIQ[5:0]
TxSYNC
MCLK
REFCLK
CA PORT
PROFILE
SDIO
IF10[4:0]
RxSYNC
IF12[11:0]
FSADJ
XTAL
OSCIN
Σ-∆ OUTPUT
FLAG[2:1]
IF10 INPUT
IF12B INPUT
VIDEO IN
6
3
12
12
12
AD9878
DATA
ASSEMBLER
QUADRATURE
MODULATOR
FIR LPF
CIC LPF
COS
SIN
DAC GAIN CONTROL
PLL
OSCIN
× M
DDS
MUX
MUX
CA
INTERFACE
PROFILE
SELECT
SERIAL
INTERFACE
12
4
SINC–1
MUX
DAC
IF10
IF12
ADC
ADC
10
12
12
4
5
5
12
12
I
Q
Rx PORT
Tx OUTPUT
Σ-∆ INPUT
4
4
4
8
FLAG0
SINC–1
BYPASS
(
fOSCIN)
(
fOSCIN)
(
fMCLK)
MUX
12
ADC
MUX
IF12A INPUT
DAC
+
–
CLAMP LEVEL
Σ-∆
÷R
÷8
÷2
÷2
(
fIQCLK)
(
fSYSCLK)
(
fOSCIN)
÷4
÷4
Figure 23. AD9878 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com