Electronic Components Datasheet Search
  English  ▼

X  

AD9878 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9878
Description  Mixed-Signal Front End for Broadband Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9878 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9878 Datasheet HTML 21Page - Analog Devices AD9878 Datasheet HTML 22Page - Analog Devices AD9878 Datasheet HTML 23Page - Analog Devices AD9878 Datasheet HTML 24Page - Analog Devices AD9878 Datasheet HTML 25Page - Analog Devices AD9878 Datasheet HTML 26Page - Analog Devices AD9878 Datasheet HTML 27Page - Analog Devices AD9878 Datasheet HTML 28Page - Analog Devices AD9878 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
AD9878
Rev. A | Page 25 of 36
C10
20pF
C11
20pF
C12
0.01
µF
GUARD TRACE
R1
1.3k
Ω
C13
0.1
µF
RSET
4.02
Ω
C5
0.1
µF
C6
0.1
µF
C4
0.1
µF
CP2
10
µF
C2
0.1
µF
C3
0.1
µF
C1
0.1
µF
CP1
10
µF
C2
0.1
µF
C3
0.1
µF
C1
0.1
µF
CP1
10
µF
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
REFT10
75
REFB10
74
AGND10
73
AVDD10
72
DRVDD
71
DRGND
70
REFCLK
69
SIGDELT
68
FLAG1
67
FLAG2
66
CA_EN
65
CA_DATA
64
CA_CLK
63
DVDDOSC
62
OSCIN
61
XTAL
60
DGNDOSC
59
AGNDPLL
58
PLLFILT
57
AVDDPLL
56
DVDDPLL
55
DGNDPLL
54
AVDDTx
53
Tx+
52
Tx–
51
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
DRGND
1
DRVDD
2
(MSB) IF12(11)
3
IF12(10)
4
IF12(9)
5
IF12(8)
6
IF12(7)
7
IF12(6)
8
IF12(5)
9
IF12(4) 10
IF12(3) 11
IF12(2) 12
IF12(1) 13
IF12(0) 14
(MSB) IF10(4) 15
IF10(3) 16
IF10(2) 17
IF10(1) 18
IF10(0) 19
RxSYNC 20
DRGND 21
DRVDD 22
MCLK 23
DVDD 24
DGND 25
AD9878
TOP VIEW
(Not to Scale)
Figure 29. Basic Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com