Electronic Components Datasheet Search
  English  ▼

X  

AD9878 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9878
Description  Mixed-Signal Front End for Broadband Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9878 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9878 Datasheet HTML 5Page - Analog Devices AD9878 Datasheet HTML 6Page - Analog Devices AD9878 Datasheet HTML 7Page - Analog Devices AD9878 Datasheet HTML 8Page - Analog Devices AD9878 Datasheet HTML 9Page - Analog Devices AD9878 Datasheet HTML 10Page - Analog Devices AD9878 Datasheet HTML 11Page - Analog Devices AD9878 Datasheet HTML 12Page - Analog Devices AD9878 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AD9878
Rev. A | Page 9 of 36
Pin No.
Mnemonic
Descriptions
44
SDO
SPORT Data Output
45
DGNDTx
Tx Path Digital Ground
46
DVDDTx
Tx Path Digital 3.3 V Supply
47
PWRDN
Power-Down Transmit Path
48
REFIO
TxDAC Decoupling (to AGND)
49
FSADJ
DAC Output Adjust (External Resistor)
50
AGNDTx
Tx Path Analog Ground
51, 52
Tx−, Tx+
Tx Path Complementary Outputs
53
AVDDTx
Tx Path Analog 3.3 V Supply
54
DGNDPLL
PLL Digital Ground
55
DVDDPLL
PLL Digital 3.3 V Supply
56
AVDDPLL
PLL Analog 3.3 V Supply
57
PLLFILT
PLL Loop Filter Connection
58
AGNDPLL
PLL Analog Ground
59
DGNDOSC
Oscillator Digital Ground
60
XTAL
Crystal Oscillator Inverted Output
61
OSCIN
Oscillator Clock Input
62
DVDDOSC
Oscillator Digital 3.3 V Supply
63
CA_CLK
Serial Clock-to-Cable Driver
64
CA_DATA
Serial Data-to-Cable Driver
65
CA_EN
Serial Enable-to-Cable Driver
66, 67
FLAG[2:1]
Programmable Flag Outputs
68
SIGDELT
∑-∆ DAC Output
69
REFCLK
Reference Clock Output
72, 80
AVDD10
10-Bit ADC Analog 3.3 V Supply
73, 79
AGND10
10-Bit ADC Analog Ground
74
REFB10
10-Bit ADC Reference Decoupling Node
75
REFT10
10-Bit ADC Reference Decoupling Node
76, 81, 86, 89, 94,
97, 99
AGND
12-Bit ADC Analog Ground
77, 78
IF10−, IF10+
Differential Input to 10-bit ADC
82, 85, 90, 93, 100
AVDD
12-Bit ADC Analog 3.3 V Supply
83
REFB12B
ADC12B Reference Decoupling Node
84
REFT12B
ADC12B Reference Decoupling Node
87, 88
IF12B−, IF12B+
Differential Input to ADC12B
91
REFB12A
ADC12A Reference Decoupling Node
92
REFT12A
ADC12A Reference Decoupling Node
95, 96
IF12A−, IF12A+
Differential Input to ADC12A
98
VIDEO IN
Video Clamp Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com