Electronic Components Datasheet Search
  English  ▼

X  

AD9878 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9878
Description  Mixed-Signal Front End for Broadband Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9878 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9878 Datasheet HTML 25Page - Analog Devices AD9878 Datasheet HTML 26Page - Analog Devices AD9878 Datasheet HTML 27Page - Analog Devices AD9878 Datasheet HTML 28Page - Analog Devices AD9878 Datasheet HTML 29Page - Analog Devices AD9878 Datasheet HTML 30Page - Analog Devices AD9878 Datasheet HTML 31Page - Analog Devices AD9878 Datasheet HTML 32Page - Analog Devices AD9878 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
AD9878
Rev. A | Page 29 of 36
ADC VOLTAGE REFERENCES
The AD9878 has three independent internal references for its
10-bit and 12-bit ADCs. Both 12-bit and 10-bit ADCs are
designed for 2 V p-p input voltages and have their own internal
reference. Figure 29 shows the proper connections of the REFT
and REFB reference pins. External references might be necessary
for systems that require high accuracy gain matching between
ADCs, or for improvements in temperature drift and noise
characteristics. External references REFT and REFB must be
centered at AVDD/2, with offset voltages as specified by the
following equations:
V
5
.
0
2
:
12
,
10
+
−
−
AVDD
REFT
V
5
.
0
2
:
12
,
10
−
−
−
AVDD
REFT
A differential level of 1 V between the reference pins results in a
2 V p-p ADC input level AIN. Internal reference sources can be
powered down when external references are used (Address 0x02).
VIDEO INPUT
For sampling video-type waveforms, such as NTSC and PAL
signals, the video input channel provides black-level clamping.
Figure 37 shows the circuit configuration for using the video
channel input (Pin 98). An external blocking capacitor is used
with the on-chip video clamp circuit to level-shift the input signal
to a desired reference point. The clamp circuit automatically
senses the most negative portion of the input signal and adjusts
the voltage across the input capacitor. This forces the black level
of the input signal to be equal to the value programmed in the
clamp level register (Register Address 0x07).
By default, the video input is disabled and disconnected from
both ADCs. By setting Register 0x07, Bit 7 = 1, the video input
is enabled and connected to the ADC input as determined by
the state of Reg 0x03, Bit 6 ( 0= ADC12A connected, 1 =
ADC12B connected.)
2mA
VIDEO INPUT
0.1
µF
CLAMP LEVEL + FS/2
CLAMP LEVEL
AD9878
OFFSET
BUFFER
12
+
–
DAC
ADC
LPF
CLAMP
LEVEL
Figure 37. Video Clamp Circuit Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com