Electronic Components Datasheet Search
  English  ▼

X  

AD9983A Datasheet(PDF) 35 Page - Analog Devices

Part # AD9983A
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9983A Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9983A Datasheet HTML 31Page - Analog Devices AD9983A Datasheet HTML 32Page - Analog Devices AD9983A Datasheet HTML 33Page - Analog Devices AD9983A Datasheet HTML 34Page - Analog Devices AD9983A Datasheet HTML 35Page - Analog Devices AD9983A Datasheet HTML 36Page - Analog Devices AD9983A Datasheet HTML 37Page - Analog Devices AD9983A Datasheet HTML 38Page - Analog Devices AD9983A Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
AD9983A
Rev. 0 | Page 35 of 44
OUTPUT CONTROL
0x1F—Bits[7:5] Output Mode
These bits choose between three options for the output mode.
In 4:4:4 mode, RGB is standard. In 4:2:2 mode, YCbCr is
standard, which allows a reduction in the number of output
pins from 24 to 16. In 4:4:4 DDR output mode, the data is in
RGB mode, but changes on every clock edge. The power-up
default setting is 100.
Table 51. Output Mode
Output Mode
Result
100
4:4:4 RGB mode
101
4:2:2 YCbCr mode
110
4:4:4 DDR mode
0x1F—Bit[4] Primary Output Enable
This bit places the primary output in active or high impedance
mode. The power-up default setting is 1.
Table 52. Primary Output Enable
Select
Result
0
Primary output is in high impedance mode
1
Primary output is enabled
0x1F—Bit[3] Secondary Output Enable
This bit places the secondary output in active or high
impedance mode.
The secondary output is designated when using either 4:2:2 or
4:4:4 DDR. In these modes, the data on the blue output channel is
the secondary output while the output data on the red and green
channels are the primary output. Secondary output is always a
DDR YCbCr data mode. See the Output Formatter section and
Table 12. The power-up default setting is 0.
Table 53. Secondary Output Enable
Select
Result
0
Secondary output is in high impedance mode
1
Secondary output is enabled
0x1F—Bits[2:1] Output Drive Strength
These two bits select the drive strength for all the high-speed
digital outputs (except VSOUT, A0, and the O/E field). Higher
drive strength results in faster rise/fall times and in general
makes it easier to capture data. Lower drive strength results in
slower rise/fall times and helps to reduce EMI and digitally
generated power supply noise. The power-up default setting is 10.
Table 54. Output Drive Strength
Output Drive
Result
00
Low output drive strength
01
Medium low output drive strength
10
Medium high output drive strength
11
High output drive strength
0x1F—Bit[0] Output Clock Invert
This bit allows inversion of the output clock. The power-up
default setting is 0.
Table 55. Output Clock Invert
Select
Result
0
Noninverted pixel clock
1
Inverted pixel clock
0x20—Bits[7:6] Output Clock Select
These bits allow selection of optional output clocks such as a
fixed 40 MHz clock, a 2× clock, a 90° phase-shifted clock, or the
normal pixel clock. The power-up default setting is 00.
Table 56. Output Clock Select
Select
Result
00
Pixel clock
01
90° phase-shifted pixel clock
10
2× pixel clock
11
40 MHz internal clock
0x20—Bit[5] Output High Impedance
This bit puts all outputs (except SOGOUT) in a high impedance
state. The power-up default setting is 0.
Table 57. Output High Impedance
Select
Result
0
Normal outputs
1
All outputs (except SOGOUT) in high impedance mode
0x20—Bit[4] SOG High Impedance
This bit allows the SOGOUT pin to be placed in high impedance
mode. The power-up default setting is 0.
Table 58. SOGOUT High Impedance
Select
Result
0
Normal SOG output
1
SOGOUT pin is in high impedance mode
0x20—Bit[3] Field Output Polarity
This bit sets the polarity of the field output bit. The power-up
default setting is 1.
Table 59. Field Output Polarity
Select
Result
0
Active low = even field; active high = odd field
1
Active low = odd field; active high = even field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com