Electronic Components Datasheet Search
  English  ▼

X  

AD9983A Datasheet(PDF) 26 Page - Analog Devices

Part # AD9983A
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9983A Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9983A Datasheet HTML 22Page - Analog Devices AD9983A Datasheet HTML 23Page - Analog Devices AD9983A Datasheet HTML 24Page - Analog Devices AD9983A Datasheet HTML 25Page - Analog Devices AD9983A Datasheet HTML 26Page - Analog Devices AD9983A Datasheet HTML 27Page - Analog Devices AD9983A Datasheet HTML 28Page - Analog Devices AD9983A Datasheet HTML 29Page - Analog Devices AD9983A Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
AD9983A
Rev. 0 | Page 26 of 44
Hex
Address
Read/Write,
Read Only
Bits
Default
Value
Register Name
Description
3
**** 0***
Power-Down.
0 = Normal operation
1 = Power-down
2
**** *0**
Power-Down Pin Polarity.
0 = Active low
1 = Active high
1
**** **0*
Power-Down Fast Switching Control.
0 = Normal power-down operation
1 = The chip stays powered up and the outputs are put in high
impedance mode
0
**** ***0
SOGOUT High Impedance Control.
0 = SOGOUT operates as normal during power-down
1 = SOGOUT is in high impedance during power-down
0x1F
R/W
7:5
100* ****
Output Select 1
Output Mode.
100 = 4:4:4 output mode
101 = 4:2:2 output mode
110 = 4:4:4—DDR output mode
4
***1 ****
Primary Output Enable.
0 = Primary output is in high impedance state
1 = Primary output is enabled
3
**** 0***
Secondary Output Enable.
0 = Secondary output is in high impedance state
1 = Secondary output is enabled
2:1
**** *10*
Output Drive Strength.
00 = Low output drive strength
01 = Medium output drive strength
10 = High output drive strength
11 = High output drive strength
Applies to all outputs except VSOUT.
0
**** ***0
Output Clock Invert.
0 = Noninverted pixel clock
1 = Inverted pixel clock
Applies to all clocks output on DATACK.
0x20
R/W
7:6
0*** ****
Output Select 2
Output Clock Select.
00 = Pixel clock
01 = 90° phase shifted pixel clock
10 = 2× pixel clock
11 = 0.5× pixel clock
5
*0** ****
Output High Impedance.
0 = Normal outputs
1 = All outputs except SOGOUT in high impedance mode
4
**0* ****
SOG High Impedance.
0 = Normal SOG output
1 = SOGOUT pin is in high impedance mode
3
***0 ****
Field Output Polarity. Sets the polarity of the field output signal.
0 = Active low => even field, active high => odd field
1 = Active low => odd field, active high => even field
2
**** 1***
PLL Sync Filter Enable.
0 = PLL uses raw Hsync/SOG
1 = PLL uses filtered Hsync/SOG
1
**** *0**
Sync Processing Input Select. Selects the sync source for the sync
processor.
0 = Sync processing uses raw Hsync/SOGIN
1 = Sync processing uses regenerated Hsync from sync filter
0
Must be set to 1 for proper operation.
0x21
R/W
7:0
0010 0000
Must be set to default for proper operation.
0x22
R/W
7:0
0011 0010
Must be set to default for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com