Electronic Components Datasheet Search
  English  ▼

X  

AD9983A Datasheet(PDF) 37 Page - Analog Devices

Part # AD9983A
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9983A Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9983A Datasheet HTML 33Page - Analog Devices AD9983A Datasheet HTML 34Page - Analog Devices AD9983A Datasheet HTML 35Page - Analog Devices AD9983A Datasheet HTML 36Page - Analog Devices AD9983A Datasheet HTML 37Page - Analog Devices AD9983A Datasheet HTML 38Page - Analog Devices AD9983A Datasheet HTML 39Page - Analog Devices AD9983A Datasheet HTML 40Page - Analog Devices AD9983A Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
AD9983A
Rev. 0 | Page 37 of 44
0x24—Bit[2] SOGIN1 Detection Bit
This bit is used to indicate when activity is detected on the
SOGIN1 input pin. If SOG is held high or low, activity is not
detected. The sync processing block diagram shows where this
function is implemented. 0 = SOGIN1 not active. 1 = SOGIN1
is active.
Table 67. SOGIN1 Detection Results
Detect
Result
0
No activity detected
1
Activity detected
0x24—Bit[1] COAST Detection Bit
This bit detects activity on the EXTCK/COAST pin. It indicates
that one of the two signals is active, but it does not indicate
which one. A dc signal is not detected.
Table 68. COAST Detection Result
Detect
Result
0
No activity detected
1
Activity detected
0x24—Bit[0] CLAMP Detection Bit
This bit is used to indicate when activity is detected on the
external CLAMP pin. If external CLAMP is held high or low,
activity is not detected.
Table 69. CLAMP Detection Results
Detect
Result
0
No activity detected
1
Activity detected
POLARITY STATUS
0x25—Bit[7] HSYNC0 Polarity
Indicates the polarity of HSYNC0 input.
Table 70. Detected HSYNC0 Polarity Results
Detect
Result
0
Hsync polarity is negative
1
Hsync polarity is positive
0x25—Bit[6] HSYNC1 Polarity
Indicates the polarity of HSYNC1 input.
Table 71. Detected HSYNC1 Polarity Results
Detect
Result
0
Hsync polarity is negative
1
Hsync polarity is positive
0x25—Bit[5] VSYNC0 Polarity
Indicates the polarity of VSYNC0 input.
Table 72. Detected VSYNC0 Polarity Results
Detect
Result
0
Vsync polarity is negative
1
Vsync polarity is positive
0x25—Bit[4] VSYNC1 Polarity
Indicates the polarity of VSYNC1 input.
Table 73. Detected VSYNC1 Polarity Results
Detect
Result
0
Vsync polarity is negative
1
Vsync polarity is positive
0x25—Bit[3] COAST Polarity
Indicates the polarity of the external COAST signal.
Table 74. Detected COAST Polarity Results
Detect
Result
0
Coast polarity is negative
1
Coast polarity is positive
0x25—Bit[2] CLAMP Polarity
Indicates the polarity of the CLAMP signal.
Table 75. Detected CLAMP Polarity Results
Detect
Result
0
Clamp polarity is negative
1
Clamp polarity is positive
0x25—Bit[1] Extraneous Pulses Detection
A second output from the Hsync filter, this status bit tells
whether extraneous pulses are present on the incoming sync
signal. Often extraneous pulses are used for copy protection, so
this status bit can be used for this purpose.
Table 76. Equalization Pulse Detect Bit
Detect
Result
0
No equalization pulses detected during active Hsync
1
Equalization pulses detected during active Hsync
HSYNC COUNT
0x26—Bits[7:0] Hsyncs per Vsync MSB
The 8 MSBs of the 12-bit counter that reports the number of
Hsyncs/Vsync on the active input. This is useful for determining
the mode and is an aid in setting the PLL divide ratio.
0x27—Bits[7:4] Hsyncs per Vsync LSBs
The 4 LSBs of the 12-bit counter that reports the number of
Hsyncs/Vsync on the active input.
TEST REGISTERS
0x28—Bits[7:0] Test Register 1
Must be written to 0xBF for proper operation.
0x29—Bits[7:0] Test Register 2
Must be written to 0x00 for proper operation.
0x2A—Bits[7:0] Test Register 3
Read-only bits for future use.
0x2B—Bits[7:0] Test Register 4
Read-only bits for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com