Electronic Components Datasheet Search
  English  ▼

X  

AD9983A Datasheet(PDF) 7 Page - Analog Devices

Part # AD9983A
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9983A Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9983A Datasheet HTML 3Page - Analog Devices AD9983A Datasheet HTML 4Page - Analog Devices AD9983A Datasheet HTML 5Page - Analog Devices AD9983A Datasheet HTML 6Page - Analog Devices AD9983A Datasheet HTML 7Page - Analog Devices AD9983A Datasheet HTML 8Page - Analog Devices AD9983A Datasheet HTML 9Page - Analog Devices AD9983A Datasheet HTML 10Page - Analog Devices AD9983A Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
AD9983A
Rev. 0 | Page 7 of 44
Pin Type
Pin Number
Mnemonic
Function
Value
Outputs
28 to 35
RED [7:0]
Outputs of Converter R, Bit 9 is the MSB
3.3 V CMOS
42 to 49
GREEN [7:0]
Outputs of Converter G, Bit 9 is the MSB
3.3 V CMOS
54 to 61
BLUE [7:0]
Outputs of Converter B, Bit 9 is the MSB
3.3 V CMOS
25
DATACK
Data Output Clock
3.3 V CMOS
23
HSOUT
Hsync Output Clock (Phase-Aligned with DATACK)
3.3 V CMOS
222
VSOUT
Vsync Output Clock
3.3 V CMOS
24
SOGOUT
Sync-on-Green Slicer Output
3.3 V CMOS
21
O/E FIELD
Odd/Even Field Output
3.3 V CMOS
References
78
FILT
Connection for External Filter Components for Internal
PLL
18
REFLO
Connection for External Capacitor for Input Amplifier
20
REFHI
Connection for External Capacitor for Input Amplifier
Power Supply
1, 5, 9, 13
VD
Analog Power Supply
1.8 V
26, 38, 52, 64
VDD
Output Power Supply
1.8 V or 3.3 V
74, 76, 79
PVD
PLL Power Supply
1.8 V
41
DAVDD
Digital Logic Power Supply
1.8 V
3, 7, 11, 15, 39, 40, 53,
65, 75, 77, 80
GND
Ground
0 V
Control
66
SDA
Serial Port Data I/O
3.3 V CMOS
67
SCL
Serial Port Data Clock (100 kHz maximum)
3.3 V CMOS
222
A0
Serial Port Address Input
3.3 V CMOS
1 EXTCK and COAST share the same pin.
2 VSOUT and A0 share the same pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com