Electronic Components Datasheet Search
  English  ▼

X  

ADF4007 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4007
Description  High Frequency Divider/PLL Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4007 Datasheet(HTML) 4 Page - Analog Devices

  ADF4007 Datasheet HTML 1Page - Analog Devices ADF4007 Datasheet HTML 2Page - Analog Devices ADF4007 Datasheet HTML 3Page - Analog Devices ADF4007 Datasheet HTML 4Page - Analog Devices ADF4007 Datasheet HTML 5Page - Analog Devices ADF4007 Datasheet HTML 6Page - Analog Devices ADF4007 Datasheet HTML 7Page - Analog Devices ADF4007 Datasheet HTML 8Page - Analog Devices ADF4007 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADF4007
Data Sheet
Rev. B | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
AV
DD to GND
1
−0.3 V to +3.6 V
AV
DD to DVDD
−0.3 V to +0.3 V
V
P to GND
−0.3 V to +5.8 V
V
P to AVDD
−0.3 V to +5.8 V
Digital I/O Voltage to GND
−0.3 V to V
DD + 0.3 V
Analog I/O Voltage to GND
−0.3 V to V
P + 0.3 V
REF
IN, RFINA, RFINB to GND
−0.3 V to V
DD + 0.3 V
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
150°C
CSP θ
JA Thermal Impedance
122°C/W
Lead Temperature, Soldering
Vapor Phase (60 s)
215°C
Infrared (15 s)
220°C
Transistor Count
CMOS
6425
Bipolar
303
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance RF integrated circuit with an
ESD rating of <2 kV, and it is ESD sensitive. Proper precautions
should be taken for handling and assembly.
ESD CAUTION
1 GND = AGND = DGND = 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com