Electronic Components Datasheet Search
  English  ▼

X  

ADF4007 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4007
Description  High Frequency Divider/PLL Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4007 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4007 Datasheet HTML 5Page - Analog Devices ADF4007 Datasheet HTML 6Page - Analog Devices ADF4007 Datasheet HTML 7Page - Analog Devices ADF4007 Datasheet HTML 8Page - Analog Devices ADF4007 Datasheet HTML 9Page - Analog Devices ADF4007 Datasheet HTML 10Page - Analog Devices ADF4007 Datasheet HTML 11Page - Analog Devices ADF4007 Datasheet HTML 12Page - Analog Devices ADF4007 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADF4007
Rev. B | Page 9 of 16
THEORY OF OPERATION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 9. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
100kΩ
NC
REFIN
NC
NO
SW1
SW2
BUFFER
SW3
TO R COUNTER
POWER-DOWN
CONTROL
Figure 9. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 10. It is followed by a
2-stage limiting amplifier to generate the CML clock levels
needed for the prescaler.
500Ω
1.6V
500Ω
AGND
BIAS
GENERATOR
RFINA
RFINB
AVDD
Figure 10. RF Input Stage
PRESCALER P
The prescaler, operating at CML levels, takes the clock from the
RF input stage and divides it down to a manageable frequency
for the PFD. The prescaler can be selected to be either 8, 16, 32,
or 64, and is effectively the N value in the PLL synthesizer. The
terms N and P are used interchangeably in this data sheet. N1
and N2 set the prescaler values. The prescaler value should be
chosen so that the prescaler output frequency is always less than
or equal to 120 MHz, the maximum specified PFD frequency.
Thus, with an RF frequency of 4 GHz, a prescaler value of 64 is
valid, but a value of 32 or less is not valid.
2
]
[
REFIN
VCO
f
N
f
×
=
R COUNTER
The R counter is permanently set to 2. It allows the input reference
frequency to be divided down by 2 to produce the reference clock
to the phase frequency detector (PFD).
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and the N counter
(prescaler, P) and produces an output proportional to the phase
and frequency difference between them. Figure 11 is a simplified
schematic. The PFD includes a fixed, 3 ns delay element that
controls the width of the antibacklash pulse. This pulse ensures
that there is no dead zone in the PFD transfer function and
minimizes phase noise and reference spurs.
LOGIC HI
D1
D2
Q1
Q2
CLR1
CLR2
CP
U1
U2
UP
DOWN
CPGND
U3
R DIVIDER
3ns
DELAY
N DIVIDER
VP
CHARGE
PUMP
LOGIC HI
Figure 11. PFD Simplified Schematic and Timing (In Lock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com