Electronic Components Datasheet Search
  English  ▼

X  

ADF4007 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4007
Description  High Frequency Divider/PLL Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4007 Datasheet(HTML) 5 Page - Analog Devices

  ADF4007 Datasheet HTML 1Page - Analog Devices ADF4007 Datasheet HTML 2Page - Analog Devices ADF4007 Datasheet HTML 3Page - Analog Devices ADF4007 Datasheet HTML 4Page - Analog Devices ADF4007 Datasheet HTML 5Page - Analog Devices ADF4007 Datasheet HTML 6Page - Analog Devices ADF4007 Datasheet HTML 7Page - Analog Devices ADF4007 Datasheet HTML 8Page - Analog Devices ADF4007 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADF4007
Rev. B | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
14
13
12
1
3
4
M1
15 MUXOUT
M2
N1
11 N2
CPGND
NOTES
1. THE LFCSP HAS AN EXPOSED PADDLE THAT
MUST BE CONNECTED TO GROUND.
AGND
2
AGND
RFINB
5
RFINA
TOP
VIEW
ADF4007
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CPGND
Charge Pump Ground. The ground return path of the charge pump.
2, 3
AGND
Analog Ground. The ground return path of the prescaler.
4
RF
INB
Complementary Input to the RF Prescaler. This point must be decoupled to the ground plane with a small bypass
capacitor, typically 100 pF.
5
RF
INA
Input to the RF Prescaler. This small signal input is ac-coupled to the external VCO.
6, 7
AV
DD
Analog Power Supply. This pin can range from 2.7 V to 3.3 V. Decoupling capacitors to the analog ground plane
should be placed as close as possible to this pin. AV
DD must be the same value as DVDD.
8
REF
IN
Reference Input. A CMOS input with a nominal threshold of V
DD/2 and a dc equivalent input resistance of 100 kΩ.
This input can be driven from a TTL or CMOS crystal oscillator, or it can be ac-coupled.
9, 10
DGND
Digital Ground.
11, 12
N2, N1
These two bits set the N value. See Table 4.
13, 14
M2, M1
These two bits set the status of MUXOUT and PFD polarity. See Table 5.
15
MUXOUT
This multiplexer output allows either the N divider output or the R divider output to be accessed externally.
16, 17
DV
DD
Digital Power Supply. This pin can range from 2.7 V to 3.3 V. Decoupling capacitors to the digital ground plane
should be placed as close as possible to this pin. DV
DD must be the same value as AVDD.
18
V
P
Charge Pump Power Supply. This pin should be greater than or equal to V
DD. In systems where VDD is 3 V, it can be
set to 5 V and used to drive a VCO with a tuning range of up to 5 V.
19
R
SET
Connecting a resistor between this pin and CPGND sets the maximum charge pump output current. The nominal
voltage potential at the R
SET pin is 0.66 V. The relationship between ICP and RSET is
SET
MAX
CP
R
I
5
.
25
=
Therefore, if R
SET = 5.1 kΩ, then ICP = 5 mA.
20
CP
Charge Pump Output. When enabled, this pin provides ±I
CP to the external loop filter, which in turn drives the
external VCO.
21
EP
Exposed Pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com