Electronic Components Datasheet Search
  English  ▼

X  

ADF4007 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4007
Description  High Frequency Divider/PLL Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4007 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4007 Datasheet HTML 8Page - Analog Devices ADF4007 Datasheet HTML 9Page - Analog Devices ADF4007 Datasheet HTML 10Page - Analog Devices ADF4007 Datasheet HTML 11Page - Analog Devices ADF4007 Datasheet HTML 12Page - Analog Devices ADF4007 Datasheet HTML 13Page - Analog Devices ADF4007 Datasheet HTML 14Page - Analog Devices ADF4007 Datasheet HTML 15Page - Analog Devices ADF4007 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADF4007
Rev. B | Page 13 of 16
PCB DESIGN GUIDELINES FOR CHIP SCALE PACKAGE
The lands on the chip scale package (CP-20-6) are rectangular.
The printed circuit board pad for these should be 0.1 mm longer
than the package land length and 0.05 mm wider than the package
land width. Center the land on the pad to ensure that the solder
joint size is maximized.
The bottom of the chip scale package has a central thermal pad.
The thermal pad on the printed circuit board should be at least
as large as this exposed pad. The printed circuit board should have
a clearance of at least 0.25 mm between the thermal pad and the
inner edges of the pad pattern to ensure that shorting is avoided.
Thermal vias may be used on the printed circuit board thermal
pad to improve thermal performance of the package. If vias are
used, they should be incorporated in the thermal pad at 1.2 mm
pitch grid. The via diameter should be between 0.30 mm and
0.33 mm, and the via barrel should be plated with 1 oz. copper
to plug the via.
Connect the printed circuit board thermal pad to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com