Electronic Components Datasheet Search
  English  ▼

X  

ADF4007 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4007
Description  High Frequency Divider/PLL Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4007 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4007 Datasheet HTML 6Page - Analog Devices ADF4007 Datasheet HTML 7Page - Analog Devices ADF4007 Datasheet HTML 8Page - Analog Devices ADF4007 Datasheet HTML 9Page - Analog Devices ADF4007 Datasheet HTML 10Page - Analog Devices ADF4007 Datasheet HTML 11Page - Analog Devices ADF4007 Datasheet HTML 12Page - Analog Devices ADF4007 Datasheet HTML 13Page - Analog Devices ADF4007 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADF4007
Data Sheet
Rev. B | Page 10 of 16
MUXOUT
The output multiplexer on the ADF4007 allows the user
to access various internal points on the chip. The state of
MUXOUT is controlled by the M2 and M1 pins. Figure 12
shows the MUXOUT section in block diagram form.
DGND
DVDD
CONTROL
MUX
DVDD
R COUNTER OUTPUT
N COUNTER OUTPUT
DGND
MUXOUT
Figure 12. MUXOUT Circuit
PFD Polarity
The PFD polarity is set by the state of M2 and M1 pins as given
in the Table 5. The ability to set the polarity allows the use of VCOs
with either positive or negative tuning characteristics. For standard
VCOs with positive characteristics (output frequency increases
with increasing tuning voltage), the polarity should be set to
positive. This is accomplished by tying M2 and M1 to a logic
low state.
CP Output
The CP output state is also controlled by the state of M2 and M1. It
can be set either to active (so that the loop can be locked) or to
three-state (open the loop). The normal state is CP output active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com