Electronic Components Datasheet Search
  English  ▼

X  

UPC2775GS Datasheet(PDF) 3 Page - NEC

Part # UPC2775GS
Description  FREQUENCY DOWN CONVERTER FOR VHF-UHF BAND TV/VCR TUNER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2775GS Datasheet(HTML) 3 Page - NEC

  UPC2775GS Datasheet HTML 1Page - NEC UPC2775GS Datasheet HTML 2Page - NEC UPC2775GS Datasheet HTML 3Page - NEC UPC2775GS Datasheet HTML 4Page - NEC UPC2775GS Datasheet HTML 5Page - NEC UPC2775GS Datasheet HTML 6Page - NEC UPC2775GS Datasheet HTML 7Page - NEC UPC2775GS Datasheet HTML 8Page - NEC UPC2775GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
µPC2775GR/GS
3
Data Sheet P10194EJ3V0DS00
PIN EXPLANATION
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
Pin No.
1
2
3
4
5
6
7
8
9
10
Symbol
UOSC
collector
(Tr. 1)
UOSC
base (Tr. 2)
UOSC
base (Tr. 1)
UOSC
collector
(Tr. 2)
UB
OSC
output
GND
VOSC
base (Tr. 1)
VOSC
base (Tr. 2)
VOSC
collector
(Tr. 1)
Equivalent circuit
Function and Explanation
Collector pin of UHF oscillator.
Assemble LC resonator with 2 pin
through capacitor ~ 1 pF to oscillate
with active feedback Loop.
Base pin of UHF oscillator with
balance amplifier. Connected to LC
resonator through feedback capacitor
~ 300 pF.
Base pin of UHF oscillator with
balance amplifier. Connected to LC
resonator through feedback capacitor
~ 300 pF.
Collector pin of UHF oscillator with
balance amplifier. Assemble LC
resonator with 3 pin through capacitor
~ 1 pF to oscillate with active feedback
Loop. Double balanced oscillator with
transistor 1 and transistor 2.
Switching pin for VHF or UHF
operation.
UHF operation = 9.0 V
VHF operation = GND
UHF and VHF oscillator output pin.
In case of F/S tuner application,
connected PLL synthesizer IC’s input
pin.
VHF and UHF oscillators’ GND pin.
Base pin of VHF oscillator with
balance amplifier.
Grounded through capacitor ~ 10 pF.
Base pin of VHF oscillator with
balance amplifier. Assemble LC
resonator with 10 pin to oscillate with
active feedback Loop.
Base pin of VHF oscillator with
balance amplifier. Connected to LC
resonator through feedback capacitor
~ 3 pF.
Pin voltage TYP.
above: V mode (V)
below: U mode (U)
6.90
6.25
6.00
3.90
6.00
3.90
6.90
6.25
0.0
9.0
5.40
5.40
0.0
0.0
3.50
5.90
3.50
5.90
6.20
6.90
2
4
1
3
5
REG.
6
From
OSC
9
10
8
REG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com