Electronic Components Datasheet Search
  English  ▼

X  

UPC2775GS Datasheet(PDF) 7 Page - NEC

Part # UPC2775GS
Description  FREQUENCY DOWN CONVERTER FOR VHF-UHF BAND TV/VCR TUNER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2775GS Datasheet(HTML) 7 Page - NEC

Back Button UPC2775GS Datasheet HTML 3Page - NEC UPC2775GS Datasheet HTML 4Page - NEC UPC2775GS Datasheet HTML 5Page - NEC UPC2775GS Datasheet HTML 6Page - NEC UPC2775GS Datasheet HTML 7Page - NEC UPC2775GS Datasheet HTML 8Page - NEC UPC2775GS Datasheet HTML 9Page - NEC UPC2775GS Datasheet HTML 10Page - NEC UPC2775GS Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
µPC2775GR/GS
7
Data Sheet P10194EJ3V0DS00
TYPICAL CHARACTERISTICS (TA = 25 °C) - on Measurement Circuit -
40
35
30
25
20
15
10
5
0
0
200
400
600
800
1 000
VCC = 9 V
fIF = 45 MHz
Pin = –30 dBm
CG
NF
fRF – RF Frequency – MHz
CG - fRF
60
50
40
30
20
10
0
VHF
no input
signal
VCC - ICC
R = 470
Ω
R =
024
68
10
12
VCC – Supply Voltage – V
60
50
40
30
20
10
0
UHF
no input
signal
VCC - ICC
R = 470
Ω
R =
024
68
10
12
VCC – Supply Voltage – V
10
0
–10
–20
–30
–40
–60
UHF
VHF
VCC = 9 V
fIF = 45 MHz
POSC = –5 dBm
–50
–40
–30
–20
–10
0
10
Pin – Input Power – dBm
Pin - Pout
CM - fRF
100
90
80
70
60
0
200
400
600
800
1 000
fRF – RF Frequency – MHz
VCC = 9 V
fIF = 45 MHz
PRF = –30 dBm
PLOC = –5 dBm
fOSC - Vtu
30
20
10
0
0
200
400
600
800
1 000
fOSC – OSC Frequency – MHz
on application
circuit
VL
VH
U
∞
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com