Electronic Components Datasheet Search
  English  ▼

X  

UPC2775GS Datasheet(PDF) 4 Page - NEC

Part # UPC2775GS
Description  FREQUENCY DOWN CONVERTER FOR VHF-UHF BAND TV/VCR TUNER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2775GS Datasheet(HTML) 4 Page - NEC

  UPC2775GS Datasheet HTML 1Page - NEC UPC2775GS Datasheet HTML 2Page - NEC UPC2775GS Datasheet HTML 3Page - NEC UPC2775GS Datasheet HTML 4Page - NEC UPC2775GS Datasheet HTML 5Page - NEC UPC2775GS Datasheet HTML 6Page - NEC UPC2775GS Datasheet HTML 7Page - NEC UPC2775GS Datasheet HTML 8Page - NEC UPC2775GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
µPC2775GR/GS
4
Data Sheet P10194EJ3V0DS00
Symbol
IF
output
VCC
MIX
output 1
MIX
output 2
VRF
input
(bypass)
VRF input
GND
URF input
(bypass)
URF input
Equivalent circuit
Pin No.
11
12
13
14
15
16
17
18
19
20
Pin voltage TYP.
above: V mode (V)
below: U mode (U)
5.80
5.65
9.0
9.0
7.05
6.95
7.05
6.95
2.75
2.80
2.75
2.80
0
0
–
2.65
–
2.65
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
Function and Explanation
IF output pins of VHF-UHF band
functions.
Higher output power can be obtained
by connecting registor (ex. 470
Ω) to
the ground.
Power supply for VHF-UHF band
functions.
VHF and UHF MIX output pin.
These pins should be equipped with
tank circuit to adjust frequency.
VRF signal input pin from antenna.
Bypass pin for VHF MIX input.
Grounded through capacitor.
GND pin of MIX, IF amplifier and
regulator.
Bypass pin for UHF MIX input.
Grounded through capacitor.
URF signal input pin from antenna.
- - - - - - - - - - - - -
- - - - - - - - - - - - -
11
12
13
15
From
VHF
OSC
14
13
16
17
15
From
UHF
OSC
14
13
20
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com