Electronic Components Datasheet Search
  English  ▼

X  

UPC2775GS Datasheet(PDF) 6 Page - NEC

Part # UPC2775GS
Description  FREQUENCY DOWN CONVERTER FOR VHF-UHF BAND TV/VCR TUNER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2775GS Datasheet(HTML) 6 Page - NEC

Back Button UPC2775GS Datasheet HTML 2Page - NEC UPC2775GS Datasheet HTML 3Page - NEC UPC2775GS Datasheet HTML 4Page - NEC UPC2775GS Datasheet HTML 5Page - NEC UPC2775GS Datasheet HTML 6Page - NEC UPC2775GS Datasheet HTML 7Page - NEC UPC2775GS Datasheet HTML 8Page - NEC UPC2775GS Datasheet HTML 9Page - NEC UPC2775GS Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
µPC2775GR/GS
6
Data Sheet P10194EJ3V0DS00
ELECTRICAL CHARACTERISTICS (TA = 25 °C, VCC = 9 V, Note 2)
µPC2775GR/GS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Circuit Current 1
(VHF)
ICC1
27.0
35.0
44.0
mA
no input signal Note 3
Circuit Current 2
(UHF)
ICC2
28.0
36.0
45.0
mA
no input signal Note 3
Conversion Gain 1
(VHF(L))
CG1
18.5
22.0
25.5
dB
fRF = 55 MHz, Pin = –30 dBm
Conversion Gain 2
(VHF(M))
CG2
18.5
22.0
25.5
dB
fRF = 200 MHz, Pin = –30 dBm
Conversion Gain 3
(VHF(H))
CG3
18.5
22.0
25.5
dB
fRF = 470 MHz, Pin = –30 dBm
Conversion Gain 4
(UHF(L))
CG4
24.5
28.0
31.5
dB
fRF = 470 MHz, Pin = –30 dBm
Conversion Gain 5
(UHF(H))
CG5
24.5
28.0
31.5
dB
fRF = 890 MHz, Pin = –30 dBm
Noise Figure 1
(VHF(L))
NF1
–
10.0
13.0
dB
fRF = 55 MHz
Noise Figure 2
(VHF(M))
NF2
–
10.0
13.0
dB
fRF = 200 MHz
Noise Figure 3
(VHF(H))
NF3
–
10.0
13.0
dB
fRF = 470 MHz
Noise Figure 4
(UHF(L))
NF4
–
9.0
12.0
dB
fRF = 470 MHz
Noise Figure 5
(UHF(H))
NF5
–
10.0
13.0
dB
fRF = 890 MHz
Maximum Output Level 1
(VHF(L))PO(SAT)1
4.0
7.0
–
dBm
fRF = 55 MHz, Pin = 0 dBm
Maximum Output Level 2
(VHF(M))PO(SAT)2
4.0
7.0
–
dBm
fRF = 200 MHz, Pin = 0 dBm
Maximum Output Level 3
(VHF(H))PO(SAT)3
4.0
7.0
–
dBm
fRF = 470 MHz, Pin = 0 dBm
Maximum Output Level 4
(UHF(L))PO(SAT)4
3.5
6.5
–
dBm
fRF = 470 MHz, Pin = 0 dBm
Maximum Output Level 5
(UHF(H))PO(SAT)5
3.5
6.5
–
dBm
fRF = 890 MHz, Pin = 0 dBm
Notes 2 By measurement circuit
3 no resistance of IF output
In case of R = 470
Ω; VHF: 45.2 mA (TYP.), UHF: 46.7 mA (TYP.)
STANDARD CHARACTERISTICS (TA = 25 °C, VCC = 9 V)
µPC2775GR/GS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
1 % Cross-Modulation
CM1
–
88.0
–
dB
µ
fRF = 55 MHz, Pin = –30 dBm
Distortion 1
(VHF(L))
1 % Cross-Modulation
CM2
–
88.0
–
dB
µ
fRF = 200 MHz, Pin = –30 dBm
Distortion 2
(VHF(M))
1 % Cross-Modulation
CM3
–
88.0
–
dB
µ
fRF = 470 MHz, Pin = –30 dBm
Distortion 3
(VHF(H))
1 % Cross-Modulation
CM4
–
83.0
–
dB
µ
fRF = 470 MHz, Pin = –30 dBm
Distortion 4
(UHF(L))
1 % Cross-Modulation
CM5
–
83.0
–
dB
µ
fRF = 890 MHz, Pin = –30 dBm
Distortion 5
(UHF(H))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com