Electronic Components Datasheet Search
  English  ▼

X  

UPC2775GS Datasheet(PDF) 9 Page - NEC

Part # UPC2775GS
Description  FREQUENCY DOWN CONVERTER FOR VHF-UHF BAND TV/VCR TUNER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2775GS Datasheet(HTML) 9 Page - NEC

Back Button UPC2775GS Datasheet HTML 5Page - NEC UPC2775GS Datasheet HTML 6Page - NEC UPC2775GS Datasheet HTML 7Page - NEC UPC2775GS Datasheet HTML 8Page - NEC UPC2775GS Datasheet HTML 9Page - NEC UPC2775GS Datasheet HTML 10Page - NEC UPC2775GS Datasheet HTML 11Page - NEC UPC2775GS Datasheet HTML 12Page - NEC UPC2775GS Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
µPC2775GR/GS
9
Data Sheet P10194EJ3V0DS00
APPLICATION CIRCUIT EXAMPLE
20
19
18
17
16
15
14
13
12
11
12
3
4
5
6
7
8
9
10
U-RF
Pre Amp.
V-RF
Pre Amp.
MIX.
U-OSC
U-OSC
Buff.
V-OSC
Buff.
U-PSC
Amp.
V-PSC
Amp.
V-OSC
REG.
IF Amp.
470
470
50
IF OUT
VCC
VRF IN
URF IN
UHF
VHF
UB OSC OUT
1.2 H
6 pF
µ
47 k
300
pF
300
pF
1 pF
3 pF
1 pF
6 pF
3T
3T
47 k
1T
363
Vtu
PC2775GR
µ
PC2775GS
µ
12
3
4
47 k
300
pF
300
pF
1 pF
12 pF
1 pF
12 pF
10 pF
200
pF
3 pF
1T
363
1T
363
3T
47 k
1 000
pF
5T
47 k
47 k
1 000
pF
0.1 F
µ
2.7 k
Vtu
HB
LB
1 000
pF
0.1 F
µ
1 000
pF
1000
pF
1 000
pF
1 000
pF
1 000
pF
1 000
pF
1 000
pF
1 000
pF
1 000
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com