Electronic Components Datasheet Search
  English  ▼

X  

UPC2775GS Datasheet(PDF) 12 Page - NEC

Part # UPC2775GS
Description  FREQUENCY DOWN CONVERTER FOR VHF-UHF BAND TV/VCR TUNER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2775GS Datasheet(HTML) 12 Page - NEC

Back Button UPC2775GS Datasheet HTML 8Page - NEC UPC2775GS Datasheet HTML 9Page - NEC UPC2775GS Datasheet HTML 10Page - NEC UPC2775GS Datasheet HTML 11Page - NEC UPC2775GS Datasheet HTML 12Page - NEC UPC2775GS Datasheet HTML 13Page - NEC UPC2775GS Datasheet HTML 14Page - NEC UPC2775GS Datasheet HTML 15Page - NEC UPC2775GS Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
µPC2775GR/GS
12
Data Sheet P10194EJ3V0DS00
RECOMMENDED SOLDERING CONDITIONS
The following conditions (see table below) must be met when soldering this product.
Please consult with our sales offices in case other soldering process is used or in case soldering is done under
different conditions.
For details of recommended soldering conditions for surface mounting, refer to information document SEMICONDUCTOR
DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).
µPC2775GR/GS
Soldering process
Soldering conditions
Symbol
Infrared ray reflow
Peak package’s surface temperature: 235 °C or below,
IR35-00-2
Reflow time: 30 seconds or below (210 °C or higher),
Number of reflow process: 2, Exposure limitNote: None
VPS
Peak package’s surface temperature: 215 °C or below,
VP15-00-2
Reflow time: 40 seconds or below (200 °C or higher),
Number of reflow process: 2, Exposure limitNote: None
Partial heating method
Terminal temperature: 300 °C or below,
Flow time: 3 seconds or below,
Exposure limitNote: None
Note Exposure limit before soldering after dry-pack package is opened.
Storage conditions: 25 °C and relative humidity at 65 % or less.
Caution Do not apply more than single process at once, except for “Partial heating method”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com