Electronic Components Datasheet Search
  English  ▼

X  

ADR291 Datasheet(PDF) 6 Page - Analog Devices

Part # ADR291
Description  Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR291 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR291 Datasheet HTML 2Page - Analog Devices ADR291 Datasheet HTML 3Page - Analog Devices ADR291 Datasheet HTML 4Page - Analog Devices ADR291 Datasheet HTML 5Page - Analog Devices ADR291 Datasheet HTML 6Page - Analog Devices ADR291 Datasheet HTML 7Page - Analog Devices ADR291 Datasheet HTML 8Page - Analog Devices ADR291 Datasheet HTML 9Page - Analog Devices ADR291 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADR291/ADR292
Rev. F | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Remove power before inserting or removing units from their
sockets.
Table 8.
Parameter
Rating
Supply Voltage
18 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
T, R, RU Packages
−65°C to +150°C
Operating Temperature Range
ADR291/ADR292
−40°C to +125°C
Junction Temperature Range
T, R, RU Packages
−65°C to +125°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 9. Package Types
Package Type
θJA1
θJC
Unit
8-Lead SOIC (R)
158
43
°C/W
8-Lead TSSOP (RU)
240
43
°C/W
3-Lead TO-92 (T)
160
–
°C/W
1 θJA is specified for worst-case conditions. For example, θJA is specified for a
device in socket testing. In practice, θJA is specified for a device soldered in
the circuit board.
Table 10. Other XFET Products
Part Number
Nominal Output
Voltage (V)
Package Type
ADR420
2.048
8-Lead MSOP/SOIC
ADR421
2.50
8-Lead MSOP/SOIC
ADR423
3.0
8-Lead MSOP/SOIC
ADR425
5.0
8-Lead MSOP/SOIC
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com