Electronic Components Datasheet Search
  English  ▼

X  

ADR291 Datasheet(PDF) 15 Page - Analog Devices

Part # ADR291
Description  Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR291 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR291 Datasheet HTML 11Page - Analog Devices ADR291 Datasheet HTML 12Page - Analog Devices ADR291 Datasheet HTML 13Page - Analog Devices ADR291 Datasheet HTML 14Page - Analog Devices ADR291 Datasheet HTML 15Page - Analog Devices ADR291 Datasheet HTML 16Page - Analog Devices ADR291 Datasheet HTML 17Page - Analog Devices ADR291 Datasheet HTML 18Page - Analog Devices ADR291 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADR291/ADR292
Rev. F | Page 15 of 20
VOLTAGE REGULATOR FOR PORTABLE
EQUIPMENT
The ADR291/ADR292 family of references is ideal for provid-
ing a stable, low cost, and low power reference voltage in
portable equipment power supplies. Figure 36 shows how the
ADR291 and ADR292 can be used in a voltage regulator that
not only has low output noise (as compared to switch mode
design) and low power, but also a very fast recovery after
current surges. Some precautions should be taken in the
selection of the output capacitors. Too high an ESR (effective
series resistance) could endanger the stability of the circuit. A
solid tantalum capacitor, 16 V or higher, and an aluminum
electrolytic capacitor, 10 V or higher, are recommended for C1
and C2, respectively. Also, the path from the ground side of C1
and C2 to the ground side of R1 should be kept as short as
possible.
VOUT
NC
GND
VIN
0.1µF
LEAD-ACID
BATTERY
+
6V
CHARGER
INPUT
R1
402kΩ
1%
R2
402kΩ
1%
+ C2
1000µF
ELECT
C1
68µF
TANT
+
5V, 100mA
IRF9530
OP20
2
6
2
7
6
4
3
3
4
ADR291/
ADR292
R3
510kΩ
Figure 36. Voltage Regulator for Portable Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com