Electronic Components Datasheet Search
  English  ▼

X  

ADR291 Datasheet(PDF) 17 Page - Analog Devices

Part # ADR291
Description  Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR291 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADR291 Datasheet HTML 12Page - Analog Devices ADR291 Datasheet HTML 13Page - Analog Devices ADR291 Datasheet HTML 14Page - Analog Devices ADR291 Datasheet HTML 15Page - Analog Devices ADR291 Datasheet HTML 16Page - Analog Devices ADR291 Datasheet HTML 17Page - Analog Devices ADR291 Datasheet HTML 18Page - Analog Devices ADR291 Datasheet HTML 19Page - Analog Devices ADR291 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADR291/ADR292
Rev. F | Page 17 of 20
ORDERING GUIDE
Model1
Output
Voltage
Initial Accuracy
(±%)
Temperature
Coefficient Max
(ppm/°C)
Package
Description
Package
Option
Ordering
Quantity
ADR291ERZ
2.50
0.08
8
8-Lead SOIC_N
R-8
98
ADR291ERZ-REEL7
2.50
0.08
8
8-Lead SOIC_N
R-8
1,000
ADR291FRZ
2.50
0.12
15
8-Lead SOIC_N
R-8
98
ADR291FRZ-REEL
2.50
0.12
15
8-Lead SOIC_N
R-8
2,500
ADR291FRZ-REEL7
2.50
0.12
15
8-Lead SOIC_N
R-8
1,000
ADR291GRZ
2.50
0.24
25
8-Lead SOIC_N
R-8
98
ADR291GRZ-REEL
2.50
0.24
25
8-Lead SOIC_N
R-8
2,500
ADR291GRZ-REEL7
2.50
0.24
25
8-Lead SOIC_N
R-8
1,000
ADR291GRUZ
2.50
0.24
25
8-Lead TSSOP
RU-8
98
ADR291GRUZ-REEL
2.50
0.24
25
8-Lead TSSOP
RU-8
1,000
ADR291GRUZ-REEL7
2.50
0.24
25
8-Lead TSSOP
RU-8
1,000
ADR291GT9Z
2.50
0.24
25
3-Lead TO-92
T-3
98
ADR292ERZ
4.096
0.07
8
8-Lead SOIC_N
R-8
98
ADR292ERZ-REEL
4.096
0.07
8
8-Lead SOIC_N
R-8
2,500
ADR292FRZ
4.096
0.10
15
8-Lead SOIC_N
R-8
98
ADR292FRZ-REEL
4.096
0.10
15
8-Lead SOIC_N
R-8
2,500
ADR292FRZ-REEL7
4.096
0.10
15
8-Lead SOIC_N
R-8
1,000
ADR292GRZ
4.096
0.15
25
8-Lead SOIC_N
R-8
98
ADR292GRZ-REEL7
4.096
0.15
25
8-Lead SOIC_N
R-8
1,000
ADR292GRUZ
4.096
0.24
25
8-Lead TSSOP
RU-8
98
ADR292GRUZ-REEL7
4.096
0.15
25
8-Lead TSSOP
RU-8
1,000
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com