Electronic Components Datasheet Search
  English  ▼

X  

ADR291 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR291
Description  Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR291 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR291 Datasheet HTML 5Page - Analog Devices ADR291 Datasheet HTML 6Page - Analog Devices ADR291 Datasheet HTML 7Page - Analog Devices ADR291 Datasheet HTML 8Page - Analog Devices ADR291 Datasheet HTML 9Page - Analog Devices ADR291 Datasheet HTML 10Page - Analog Devices ADR291 Datasheet HTML 11Page - Analog Devices ADR291 Datasheet HTML 12Page - Analog Devices ADR291 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADR291/ADR292
Rev. F | Page 9 of 20
100
80
0
60
40
20
TEMPERATURE (
°C)
–50
125
–25
0
25
50
75
100
ADR292
ADR291
ADR291: VS = 3.0V TO 15V
ADR292: VS = 4.5V TO 15V
IOUT = 0 mA
Figure 13. ADR291/ADR292 Line Regulation vs. Temperature
LOAD CURRENT (mA)
0.7
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.6
0.5
0.4
0.3
0.2
0.1
TA = +125°C
TA = +25°C
TA =–40°C
Figure 14. ADR291 Minimum Input-Output
Voltage Differential vs. Load Current
LOAD CURRENT (mA)
0.7
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.6
0.5
0.4
0.3
0.2
0.1
TA = +125°C
TA = +25°C
TA =–40°C
Figure 15. ADR292 Minimum Input-Output
Voltage Differential vs. Load Current
200
160
0
120
80
40
TEMPERATURE (
°C)
–50
125
–25
0
25
50
75
100
VS = 5V
IOUT = 1mA
IOUT = 5mA
Figure 16. ADR291 Load Regulation vs. Temperature
200
160
0
120
80
40
TEMPERATURE (
°C)
–50
125
–25
0
25
50
75
100
VS = 5V
IOUT = 1mA
IOUT = 5mA
Figure 17. ADR292 Load Regulation vs. Temperature
SOURCING LOAD CURRENT (mA)
0
–1250
–2000
0.1
10
1
–1750
–1500
–500
–250
–1000
–750
TA = +125°C
TA = +25°C
TA = –40°C
Figure 18. ADR291 ΔVOUT from Nominal vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com