Electronic Components Datasheet Search
  English  ▼

X  

ADR291 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR291
Description  Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR291 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR291 Datasheet HTML 3Page - Analog Devices ADR291 Datasheet HTML 4Page - Analog Devices ADR291 Datasheet HTML 5Page - Analog Devices ADR291 Datasheet HTML 6Page - Analog Devices ADR291 Datasheet HTML 7Page - Analog Devices ADR291 Datasheet HTML 8Page - Analog Devices ADR291 Datasheet HTML 9Page - Analog Devices ADR291 Datasheet HTML 10Page - Analog Devices ADR291 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADR291/ADR292
Rev. F | Page 7 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC 1
VIN 2
NC 3
GND 4
NC
8
NC
7
VOUT
6
NC
5
NC = NO CONNECT
ADR291/
ADR292
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead SOIC (R-8)
1
2
3
4
VIN
NC
GND
NC
8
7
6
5
NC
VOUT
NC
NC
NC = NO CONNECT
ADR291/
ADR292
TOP VIEW
(Not to Scale)
Figure 5. 8-Lead TSSOP (RU-8)
321
VOUT
GND
VIN
TOP VIEW
(Not to Scale)
ADR291
Figure 6. 3-Lead TO-92 (T-3)
Table 11. Pin Function Descriptions
Pin No.
SOIC
TSSOP
TO-92
Mnemonic
Description
1, 3, 5, 7, 8
1, 3, 5, 7, 8
N/A
NC
No Connect
2
2
1
VIN
Input Voltage
4
4
2
GND
Ground
6
6
3
VOUT
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com