Electronic Components Datasheet Search
  English  ▼

X  

ADR291 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR291
Description  Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR291 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR291 Datasheet HTML 6Page - Analog Devices ADR291 Datasheet HTML 7Page - Analog Devices ADR291 Datasheet HTML 8Page - Analog Devices ADR291 Datasheet HTML 9Page - Analog Devices ADR291 Datasheet HTML 10Page - Analog Devices ADR291 Datasheet HTML 11Page - Analog Devices ADR291 Datasheet HTML 12Page - Analog Devices ADR291 Datasheet HTML 13Page - Analog Devices ADR291 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADR291/ADR292
Rev. F | Page 10 of 20
SOURCING LOAD CURRENT (mA)
0
–2500
–4000
0.1
10
1
–3500
–3000
–1000
–500
–2000
–1550
TA = +125°C
TA = +25°C
TA = –40°C
Figure 19. ADR292 ΔVOUT from Nominal vs. Load Current
FREQUENCY (Hz)
1000
500
0
10
1000
100
100
200
800
900
300
400
600
700
ADR291
ADR292
VIN = 15V
TA = 25°C
Figure 20. Voltage Noise Density vs. Frequency
FREQUENCY (Hz)
120
60
0
10
1000
100
20
100
80
40
VS = 5V
Figure 21. ADR291/ADR292 Ripple Rejection vs. Frequency
10
0%
100
90
1s
2
μV p-p
Figure 22. ADR291 0.1 Hz to 10 Hz Noise
FREQUENCY (Hz)
50
40
0
0
10k
10
100
1k
30
20
10
VS = 5V
IL = 0 mA
Figure 23. ADR291 Output Impedance vs. Frequency
FREQUENCY (Hz)
50
40
0
0
10k
10
100
1k
30
20
10
VS = 5V
IL = 0 mA
Figure 24. ADR292 Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com