Electronic Components Datasheet Search
  English  ▼

X  

ISL6590DR Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6590DR
Description  Digital Multi-Phase PWM Controller for Core-Voltage Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6590DR Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6590DR Datasheet HTML 1Page - Intersil Corporation ISL6590DR Datasheet HTML 2Page - Intersil Corporation ISL6590DR Datasheet HTML 3Page - Intersil Corporation ISL6590DR Datasheet HTML 4Page - Intersil Corporation ISL6590DR Datasheet HTML 5Page - Intersil Corporation ISL6590DR Datasheet HTML 6Page - Intersil Corporation ISL6590DR Datasheet HTML 7Page - Intersil Corporation ISL6590DR Datasheet HTML 8Page - Intersil Corporation ISL6590DR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
Pin Descriptions
PIN NO.
PIN NAME
TYPE
PIN DESCRIPTION
1
OUTEN
Input
Output enable high input signal used to command the regulator on and a low input signal turns
the regulator off.
2-7
VID[0:5]
Input
Voltage identification (6 bit). Programs Vout regulation voltage.
8, 21, 39, 57
VDD_CORE
Power
IC internal core supply voltage (1.8 VDC logic).
9
PWRGD
Output
Power Good high output signal to indicate the regulator output voltage is within the specified
range. A low signal indicates the voltage is not within range.
10, 25, 42,
44, 54
VDD_IO
Power
IC I/O input supply voltage (3.3 VDC logic).
11
MCLK
Output
EEPROM external memory clock, data is clocked out of the IC on the rising edge and data is
clocked into the ISL6580 IC on the falling edge. Compliant with SPI™ EEPROMs.
12
MDO
Output
EEPROM external memory data output. Compliant with SPI EEPROMs.
13
MDI
Input
EEPROM external memory data input. Compliant with SPI EEPROMs.
14
MCS
Output
EEPROM external memory chip select (Active low). Compliant with SPI EEPROMs.
15, 18, 22,
26, 30, 34
NDRIVE[1:6]
Output
Low side drive signal used to initiate the ISL6580 to turn on the LSFET.
16, 19, 23,
27, 31, 35
PWM[1:6]
Output
PWM performs pulse width modulation which is used to turn on the ISL6580’s power devices.
17, 20, 24,
28, 32, 36
IDIG[1:6]
Input
Current A/D data serial 7-bit digital word (MSB first). The first bit is a start bit (Start = 1). The
remaining 6 bits represent the sampled peak current in the drain of the particular ISL6580
P-Channel HSFET. (IDIG word transmission is triggered by the falling edge of the PWM signal.)
IDIG is an input that is received at SYSCLK/2, normally 66.6MHz.
29
EXT_Reset
Input
Voltage identification (6 bit). Programs Vout regulation voltage.
33, 48, 50,
51
TEST[1:4]
Output
Test pins for part evaluation
37, 38, 40,
41
NC
N/A
These pins have not been bonded out.
43
SYSCLK
Input/Output
System clock which runs at a 133.3MHz rate used to clock the ISL6580. This is generated by the
internal PLL circuit to create a 4x frequency multiply of the OSC_IN frequency.
45
ERR
Input
Serial data transmitted at a 66MHz (or SYSCLK/2) rate. This 6 bit voltage error is feedback into
the control loop and used to regulate the output voltage.
46
SOC
Input
Start of Conversion signal initiated by the ISL6580’s Voltage A/D to create the ERR signal.
47
ATRL
Input
Active Transient Response Low input signal from the ISL6580 indicating a voltage overshoot on
the converter output.
49
ATRH
Input
Active Transient Response High input signal from the ISL6580 indicating a voltage droop on the
converter output.
52
SDATA
Input/Output
Controller serial interface for communication, monitoring, and configuration data between the
ISL6580 and ISL6590 controller.
53
SCLK
Output
Serial digital bus clock supplied for the 16.67MHz clocking that accompanies SDATA via the
Backside serial bus.
55
ATX
Output
Asynchronous Serial Interface Transmit
56
ARX
Input
Asynchronous Serial Interface Receive
58
OSC_OUT
Output
Only used if part is using a crystal to generate the system clock.
59
OSC_IN
Input
Requires a 33.33MHz oscillator or crystal which is used to generate system clock.
60
PLL_DIG_VSS
PLL Bypass
Ground
Input
Digital Ground for the 4X clock multiplier PLL
.
Test mode to bypass PLL input to core.
61
PLL_DIG_VDD
Power
1.8V power supply for the 4X clock multiplier PLL clock tree driver (1.8 VDC logic)
.
62
PLL_ANA_VSS
Ground
Analog Ground for the 4X clock multiplier PLL.
63
PLL_ANA_VDD
Power
1.8V power supply for the 4X clock multiplier PLL (1.8 VDC logic).
64
PLL_Filter
Analog Input
Filter cap for PLL.
65
GND
Ground
Paddle IC Ground
ISL6590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com