Electronic Components Datasheet Search
  English  ▼

X  

ISL6590DR Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL6590DR
Description  Digital Multi-Phase PWM Controller for Core-Voltage Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6590DR Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL6590DR Datasheet HTML 10Page - Intersil Corporation ISL6590DR Datasheet HTML 11Page - Intersil Corporation ISL6590DR Datasheet HTML 12Page - Intersil Corporation ISL6590DR Datasheet HTML 13Page - Intersil Corporation ISL6590DR Datasheet HTML 14Page - Intersil Corporation ISL6590DR Datasheet HTML 15Page - Intersil Corporation ISL6590DR Datasheet HTML 16Page - Intersil Corporation ISL6590DR Datasheet HTML 17Page - Intersil Corporation ISL6590DR Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
ISL6580 Calibration
Prior to calibration, the status of each ISL6580 is checked.
The input supply voltage is checked by polling the status of
the under-voltage lockout in the status registers of the
ISL6580s. Other faults are also checked. If a fault is
detected during or after calibration, the system state may be
frozen while fault processing takes over to resolve the error.
To calibrate the voltage ADC, the VID is set to the same
voltage as the external VID setting. Voltage ADC calibration
is initiated by setting the device that is hard wired for
Regulation mode into calibration mode. This should be
device #1. During calibration, any offset voltage internal to
the ADC is output on the ERR serial line. The error is stored
in the non-volatile memory. Then the ISL6590 changes
themode of the ISL6580 to normal operation and calibration
is complete.
ISL6580 Softstart
The system is slowly brought out of the no output voltage
open loop state by sending a small PWM pulse width to the
ISl6580s. A fixed time period and step size is used to bring
the output voltage into the lower range of the voltage ADC.
Once the voltage ADC begins reading voltage, a fixed Vstep
step size is used (25mV). After each Vstep step is
performed, the output voltage must settle within a +/-
(Vstep/2) mV window of the specified VID voltage before
stepping to the next output voltage setting. The stepping
continues until the final voltage is reached.
Power On Reset
The ISL6590 controller performs a Power On Reset function
internally. It holds all internal logic in a reset state until the
Vdd (3.3V) exceeds a threshold. While in the reset state all
PWM and NDRIVE signals are held at ground and all
MOSFETs are OFF.
Duty Cycle Limit
The ISL6590 limits the on time of the upper FETs. The
system designer can set the maximum ON time with
PowerCode software The value is put in as a percentage. If
the duty cycle reaches this percentage, the top side FET
turns off until the next cycle.
FIGURE 11. ENUMERATION TIMING DIAGRAM
MHz Power IC Configuration Process
First the master will initiate “config call” by sending a “10’h00” address
All of the slaves should “ACK” because every MHz Power IC register contains 0” after reset
The ID is then sent out during the data cycle.
The process is repeated until all (N) of the devices are configured.
Address Cycle
Data Cycle
10 clocks
8 Clocks
SCLK
Repeat for N-1 devices
SDATA
ID for Power IC 1
PWM1
MHz Power IC 1 ID register enable
("ID" register enable)
Ack
Stop
Configcall
"0000000000"
Ack
R/W
Directio
n
Start
Address Cycle
Data Cycle
10 clocks
8 Clocks
SCLK
Repeat for N-1 devices
SDATA
ID for Power IC 1
PWM1
MHz Power IC 1 ID register enable
("ID" register enable)
Ack
Stop
Configcall
"0000000000"
Ack
R/W
Directio
n
Start
TABLE 10. SERIAL BUS ID MAPPING
BSB ID
DESCRIPTION
00h
“config call”
01h
Power IC 1
02h
Power IC 2
03h
Power IC 3
04h
Power IC 4
05h
Power IC 5
06h
Power IC 6
09-1Fh
Reserved
ISL6590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com