Electronic Components Datasheet Search
  English  ▼

X  

ISL6590DR Datasheet(PDF) 22 Page - Intersil Corporation

Part # ISL6590DR
Description  Digital Multi-Phase PWM Controller for Core-Voltage Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6590DR Datasheet(HTML) 22 Page - Intersil Corporation

Back Button ISL6590DR Datasheet HTML 16Page - Intersil Corporation ISL6590DR Datasheet HTML 17Page - Intersil Corporation ISL6590DR Datasheet HTML 18Page - Intersil Corporation ISL6590DR Datasheet HTML 19Page - Intersil Corporation ISL6590DR Datasheet HTML 20Page - Intersil Corporation ISL6590DR Datasheet HTML 21Page - Intersil Corporation ISL6590DR Datasheet HTML 22Page - Intersil Corporation ISL6590DR Datasheet HTML 23Page - Intersil Corporation ISL6590DR Datasheet HTML 24Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
0809
A/D ID
R/W
5
080A
WCOMP ID
R/W
5
080B
OUVP ID
R/W
5
080C
MG Poll Priority
R/W
7
080D
State Control
R/W
6
080E
Reserved
R/W
2
080F
Phases to be Used
R/W
8
0810
POR Wait
R/W
5
0811
Regulation Window
R/W
6
0812
Regulation Time
R/W
8
0813
Voltage Calibration Maximum
R/W
6
0814
Reserved
R/W
8
0815
Startup Fault Mask
R/W
7
0816
Startup Enables 1
R/W
8
0817
Startup Enables 2
R/W
5
0818
Active Fault Mask
R/W
7
0819
Active Enables 1
R/W
8
081A
Active Enables 2
R/W
5
081B
Active Feature Mask
R/W
1
081C
Reserved
081D
Current Limit
R/W
6
081E – 083F
Reserved
0840
ATR Exit Delay
R/W
5
0841
ATR Count Max (LSB)
R/W
8
0842
ATR Count Max (MSB)
R/W
1
0843
PVID Offset
R/W
4
0844 – 086F
Reserved
0870 – 08FF
Reserved
Address Range
General Control Registers
R/W/Ws1 Size (bits)
Phase # Independent Compensation Parameters
0900
Kp AVP
R/W
8
0901
Kd AVP
R/W
8
0902
Kp PID
R/W
6
0903
Ki PID
R/W
8
0904
Kd Transient Recovery
R/W
8
0905
Vos AVP
R/W
6
0906
Ios AVP
R/W
8
0907
Kfp PID
R/W
6
0908
Kfd PID
R/W
6
TABLE 11. ISL6590 MEMORY MAP (Continued)
ADDRESS RANGE
NAME
R/W/S
(NOTE 1)
SIZE
(BITS)
ISL6590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com