Electronic Components Datasheet Search
  English  ▼

X  

ISL6590DR Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6590DR
Description  Digital Multi-Phase PWM Controller for Core-Voltage Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6590DR Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6590DR Datasheet HTML 1Page - Intersil Corporation ISL6590DR Datasheet HTML 2Page - Intersil Corporation ISL6590DR Datasheet HTML 3Page - Intersil Corporation ISL6590DR Datasheet HTML 4Page - Intersil Corporation ISL6590DR Datasheet HTML 5Page - Intersil Corporation ISL6590DR Datasheet HTML 6Page - Intersil Corporation ISL6590DR Datasheet HTML 7Page - Intersil Corporation ISL6590DR Datasheet HTML 8Page - Intersil Corporation ISL6590DR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
®
FN9061
ISL6590
Data Sheet
April 2003
CCAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved
All other trademarks mentioned are the property of their respective owners. Dynamic VID™ is a trademark of Intersil Americas Inc.
Digital Multi-Phase PWM Controller for
Core-Voltage Regulation
Processors that operate above a GHz require fast, intelligent
power systems. The Intersil ISL6590 controller offers
intelligent digital, multi-phase control that provides high
bandwidth, optimal control frequency response, noise
immunity and active transient response control algorithms.
The design is fully scalable for controlling up to six phases,
each featuring the Intersil ISL6580 intelligent power stage.
The user can configure and monitor the power system via
the Asynchronous Serial Interface (ASI). The ISL6590
controller flexibility can be extended with the addition of an
external EEPROM for updating key circuit operating
parameters in the control loop and overall system design.
The digital architecture reduces the design time for
engineers with the use of our software. The software allows
the designer the freedom to choose output stage
components and still achieve optimized system
performance.
The ISL6590 digital controller communicates with the
ISL6580 integrated power stages via 100% digital signaling.
Serial communication allows for separation of the controller
and the power stage, providing placement and layout
freedom to the power stage. The digital controller
implements phase balancing to ensure even distribution of
phase currents. The ISL6590 controller configures the
ISL6580 power stage current limit, VID reference, non-
overlap period, Active Transient Response (ATR) trigger
levels and maximum temperature limit. The digital controller
also monitors the ISL6580 power stage peak currents, over-
temperature fault, input under voltage, output over/under
voltage to ensure proper operation of the power supply.
Pinout
ISL6590 (QFN)
TOP VIEW
Features
• Open Architecture features software programmable
control loop compensation enabling optimal system
performance
- User accessible asynchronous serial interface
• Intel VR10
- 6-bit Dynamic VID™
- Output voltage regulation range of 0.8375V to 1.600Vdc
• 250kHz to 1MHz switching frequency
• 100% digital control and signaling
• Active Transient Response (ATR) control algorithms for
minimized voltage droop and overshoot
• Controls up to six ISL6580 intelligent power stages (20A
per phase, 120A total system current)
• Programmable Adaptive voltage positioning (AVP) load
line
• Configurable control loop parameters (with optional
external EEPROM)
• Programmable MOSFET dead time control
• High speed voltage and current control loops
• PWRGD and OUTEN
• Serial interface to ISL6580 power stages for system
monitoring and configuration
• 64 Ld 9x9 QFN package
• QFN Package Option
- QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
Flat No Leads - Product Outline
- QFN Near Chip Scale Package Footprint; Improves
PCB Efficiency, Thinner in Profile.
01
64
OUTEN
VID [0]
VID [1]
VID [2]
VID [3]
VID [4]
VID [5]
VDD_CORE
PWRGD
VDD_IO
MCLK
MDO
MDI
MCS
NDRIVE1
PWM1
TEST 2
ATRL
SOC
ERR
VDD_IO
SYS_CLK
VDD_IO
NC
NC
VDD_CORE
NC
NC
IDIG6
PWM6
NDRIVE6
TEST1
49
32
17
16
48
33
Ordering Information
PART NUMBER
TEMP. (oC)
PACKAGE
PKG. NO.
ISL6590DR
0 to 85
64 Ld 9x9 QFN L64.9x9-S


Similar Part No. - ISL6590DR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
6-Phase Digital Multiphase Controller
August 5, 2005
ISL6592DNZ-T INTERSIL-ISL6592DNZ-T Datasheet
378Kb / 21P
6-Phase Digital Multiphase Controller
August 5, 2005
ISL6594A INTERSIL-ISL6594A Datasheet
247Kb / 10P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
July 31, 2006
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results

Similar Description - ISL6590DR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 03
ISL6557 INTERSIL-ISL6557 Datasheet
532Kb / 17P
Multi-Phase PWM Controller for Core-Voltage Regulation
August 2003
ISL6557A INTERSIL-ISL6557A Datasheet
540Kb / 19P
Multi-Phase PWM Controller for Core-Voltage Regulation
July 2004
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
August 2004
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6557A RENESAS-ISL6557A Datasheet
937Kb / 18P
Multiphase PWM Controller for CORE Voltage Regulation
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
ISL6557 RENESAS-ISL6557 Datasheet
982Kb / 17P
Multi-Phase PWM Controller for Core-Voltage Regulation
August 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com