Electronic Components Datasheet Search
  English  ▼

X  

ACE5372 Datasheet(PDF) 16 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 16 Page - ACE Technology Co., LTD.

Back Button ACE5372_14 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 15Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 16Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 17Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 18Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 19Page - ACE Technology Co., LTD. ACE5372_14 Datasheet HTML 20Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
ACE5372
Low Power Real-Time Clock (RTC)
VER 1.4
16
As the arrival of the start condition, master emitter must send out an address command bit, which
includes slave address and R/W model; When a certain receiver in bus is chosen, it will send ACK signal
and SDA changes into low voltage. ACK signal indicates the success of data transmission. When SCL
clock drops, emitter sends continuously 8 bits and releases the data bus (SDA changes into high voltage).
The slave address
The high effective 7 bits (bit7---bit1) in the address byte are defined as device type id. In ACE5372,
these 7 bits are 0110010. The lowest bit0 is defined as R/W model. When this bit is “1”, it is read model,
while “0” is write model.
The slave address
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0
1
1
0
0
1
0
R/W
BIT7-BIT1 : The slave address of the ACE5372 is defined as 0110010
BIT0 : R/W definition
“1” is read model
“0” is write model
Data transmission format in the Interface Communication
Interface generates no Chip Enable signals.
In place of it each device has a 7bit slave address
allocated. The first 1byte is allocated to this 7bit of slave address and to the command (R/
W) for which
data transmission direction is designated b the data transmission thereafter.
The slave address of the ACE5372 is specified at (0110010).
At the end of data transmission/receiving stop condition is generated to complete transmission. However,
if start condition is generated without generating stop condition, repeated start condition is met and
transmission/receiving data may be continued by setting the slave address again. Use this procedures
when the transmission direction needs t be changed during one transmission.
Data is written into the slave from the master
S
0
1
1
0
0
1
0
0
A
Data
A
Data
A
P
Slave address
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com